Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15412085BA400 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

15412085BA400 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 15412085BA400
Download  15412085BA400 Download
File Size   997.07 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WL-SICW SMT Infrared Chip LED Waterclear

15412085BA400 Datasheet (PDF)

Go To PDF Page Download Datasheet
15412085BA400 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 15412085BA400
Download  15412085BA400 Click to download

File Size   997.07 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WL-SICW SMT Infrared Chip LED Waterclear

15412085BA400 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


15412085BA400 Product details

General Information:
Operating Temperature -40 up to +85 °C
Storage Conditions (in original
packaging) < 40 °C ; < 90 °C RH
Storage Conditions (for single
parts) -40 up to +85 °C
Moisture Sensitivity Level (MSL) 3




Similar Part No. - 15412085BA400

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
15412085A2070 WURTH-15412085A2070 Datasheet
1Mb / 9P
WL-SISW SMT Infrared Sideview LED Waterclear
001.002
15412085A3060 WURTH-15412085A3060 Datasheet
754Kb / 8P
WL-SIRW SMD Infrared Reverse mount Waterclear Dome
15412085A3060P WURTH-15412085A3060P Datasheet
887Kb / 9P
WL-SIRW SMT Infrared Reverse mount Waterclear Dome
001.004
15412085A9000 WURTH-15412085A9000 Datasheet
1Mb / 8P
WL-SICW SMT Infrared Chip LED Waterclear
001.000
More results


Similar Description - 15412085BA400

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
15406094BA500 WURTH-15406094BA500 Datasheet
792Kb / 8P
WL-SICW SMD Chip LED Infrared Waterclear
15406085BA400A WURTH-15406085BA400A Datasheet
1Mb / 9P
WL-SICW SMT Infrared Chip LED Waterclear
001.002
15404094BA420 WURTH-15404094BA420 Datasheet
1Mb / 8P
WL-SICW SMT Infrared Chip LED Waterclear
001.000
15412085A9000 WURTH-15412085A9000 Datasheet
1Mb / 8P
WL-SICW SMT Infrared Chip LED Waterclear
001.000
15412094A9000 WURTH-15412094A9000 Datasheet
1Mb / 8P
WL-SICW SMT Infrared Chip LED Waterclear
001.000
15406094BA400A WURTH-15406094BA400A Datasheet
1Mb / 9P
WL-SICW SMT Infrared Chip LED Waterclear
001.002
15408085BA400 WURTH-15408085BA400 Datasheet
996Kb / 8P
WL-SICW SMT Infrared Chip LED Waterclear
001.000
15408094BA400 WURTH-15408094BA400 Datasheet
996Kb / 8P
WL-SICW SMT Infrared Chip LED Waterclear
001.000
15412094BA400 WURTH-15412094BA400 Datasheet
997Kb / 8P
WL-SICW SMT Infrared Chip LED Waterclear
001.000
15404085BA420 WURTH-15404085BA420 Datasheet
1Mb / 9P
WL-SICW SMT Infrared Chip LED Waterclear
001.002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com