Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1300970189 Datasheet (PDF) - Molex Electronics Ltd.

1300970189 Datasheet PDF - Molex Electronics Ltd.
Part # 1300970189
Download  1300970189 Download
File Size   216.14 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description STRAIN RELIEF DELUXE STRAIGHT MALE 1-1/4 TO 2 N.P.T.

1300970189 Datasheet (PDF)

Go To PDF Page Download Datasheet
1300970189 Datasheet PDF - Molex Electronics Ltd.

Part # 1300970189
Download  1300970189 Click to download

File Size   216.14 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description STRAIN RELIEF DELUXE STRAIGHT MALE 1-1/4 TO 2 N.P.T.

1300970189 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 1300970189

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300970189 MOLEX-1300970189 Datasheet
216Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT MALE 1-1/4 TO 2 N.P.T.
2016/05/04
1300970189 MOLEX-1300970189 Datasheet
216Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT MALE 1-1/4 TO 2 N.P.T.
2016/05/04
1300970189 MOLEX-1300970189 Datasheet
216Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT MALE 1-1/4 TO 2 N.P.T.
2016/05/04
1300970189 MOLEX-1300970189 Datasheet
216Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT MALE 1-1/4 TO 2 N.P.T.
2016/05/04
More results


Similar Description - 1300970189

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300970157 MOLEX-1300970157 Datasheet
334Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT MALE 3/8" TO 1" N.P.T.
2022/03/25
1300970160 MOLEX-1300970160 Datasheet
334Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT MALE 3/8" TO 1 N.P.T.
2022/03/25
1300970166 MOLEX-1300970166 Datasheet
334Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT MALE 3/8" TO 1" N.P.T.
2022/03/25
1300970181 MOLEX-1300970181 Datasheet
216Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT MALE 1-1/4 TO 2 N.P.T.
2016/05/04
1300970182 MOLEX-1300970182 Datasheet
216Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT MALE 1-1/4 TO 2 N.P.T.
2016/05/04
1300970188 MOLEX-1300970188 Datasheet
216Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT MALE 1-1/4 TO 2 N.P.T.
2016/05/04
1300970189 MOLEX-1300970189 Datasheet
216Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT MALE 1-1/4 TO 2 N.P.T.
2016/05/04
1300970197 MOLEX-1300970197 Datasheet
181Kb / 1P
STRAIN RELIEF DELUXE 45 DEGREE MALE 1/2 TO 1 N.P.T.
2016/05/04
1300970198 MOLEX-1300970198 Datasheet
181Kb / 1P
STRAIN RELIEF DELUXE 45 DEGREE MALE 1/2 TO 1 N.P.T.
2016/05/04
1300970199 MOLEX-1300970199 Datasheet
181Kb / 1P
STRAIN RELIEF DELUXE 45 DEGREE MALE 1/2 TO 1 N.P.T.
2016/05/04
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com