Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQS201CENW Datasheet (PDF) - Vishay Siliconix

SQS201CENW Datasheet PDF - Vishay Siliconix
Part # SQS201CENW
Download  SQS201CENW Download
File Size   190.08 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive P-Channel 100 V (D-S) 175 °C MOSFET

SQS201CENW Datasheet (PDF)

Go To PDF Page Download Datasheet
SQS201CENW Datasheet PDF - Vishay Siliconix

Part # SQS201CENW
Download  SQS201CENW Click to download

File Size   190.08 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive P-Channel 100 V (D-S) 175 °C MOSFET

SQS201CENW Datasheet (HTML) - Vishay Siliconix


SQS201CENW Product details

FEATURES
• TrenchFET® power MOSFET
• AEC-Q101 qualified
• 100 % Rg and UIS tested
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912




Similar Part No. - SQS201CENW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS201CENW VISHAY-SQS201CENW Datasheet
189Kb / 6P
Automotive P-Channel 100 V (D-S) 175 °C MOSFET
20-Dec-2021
SQS201CENW VISHAY-SQS201CENW_V01 Datasheet
189Kb / 6P
Automotive P-Channel 100 V (D-S) 175 °C MOSFET
20-Dec-2021
More results


Similar Description - SQS201CENW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD40P10-40L VISHAY-SQD40P10-40L_15 Datasheet
162Kb / 10P
Automotive P-Channel 100 V (D-S) 175 °C MOSFET
22-Aug-11
SQM100P10-19L VISHAY-SQM100P10-19L_15 Datasheet
196Kb / 10P
Automotive P-Channel 100 V (D-S) 175 °C MOSFET
14-Sep-15
SQD40P10-40L VISHAY-SQD40P10-40L Datasheet
180Kb / 10P
Automotive P-Channel 100 V (D-S) 175 °C MOSFET
22-Aug-11
SQM40P10-40L VISHAY-SQM40P10-40L Datasheet
161Kb / 9P
Automotive P-Channel 100 V (D-S) 175 °C MOSFET
30-Jul-12
SQS201CENW VISHAY-SQS201CENW_V01 Datasheet
189Kb / 6P
Automotive P-Channel 100 V (D-S) 175 °C MOSFET
20-Dec-2021
SQM120P10-10M1L VISHAY-SQM120P10-10M1L_V02 Datasheet
201Kb / 9P
Automotive P-Channel 100 V (D-S) 175 °C MOSFET
19-Oct-15
SQM40P10-40L VISHAY-SQM40P10-40L_V01 Datasheet
160Kb / 9P
Automotive P-Channel 100 V (D-S) 175 °C MOSFET
30-Jul-12
SQJ211ELP VISHAY-SQJ211ELP_V02 Datasheet
247Kb / 9P
Automotive P-Channel 100 V (D-S) 175 °C MOSFET
13-Jul-2020
SQD40P10-40L VISHAY-SQD40P10-40L_V02 Datasheet
162Kb / 9P
Automotive P-Channel 100 V (D-S) 175 °C MOSFET
22-Aug-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com