Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301530140 Datasheet (PDF) - Molex Electronics Ltd.

1301530140 Datasheet PDF - Molex Electronics Ltd.
Part # 1301530140
Download  1301530140 Download
File Size   267.63 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description IN-LINE GFCI WITH WATERTITE PLUG AND PORTABLE OUTLET BOX

1301530140 Datasheet (PDF)

Go To PDF Page Download Datasheet
1301530140 Datasheet PDF - Molex Electronics Ltd.

Part # 1301530140
Download  1301530140 Click to download

File Size   267.63 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description IN-LINE GFCI WITH WATERTITE PLUG AND PORTABLE OUTLET BOX

1301530140 Datasheet (HTML) - Molex Electronics Ltd.


1301530140 Product details

TECHNICAL
LISTED: UL & CSA
RATED SUPPLY VOLTAGE: 120VAC
RATED CURRENT: UP TO 15 AMPS
RESET TYPE: MANUAL
OPERATING FREQUENCY: 60 Hz
TYPE: CLASS A
GROUND TRIP CURRENT: 4-6 mA
OVERLOAD CURRENT: 90 AMP 125 VAC
INSULATION VOLTAGE: 1,500 VRMS - 1 MINUTE
ENDURANCE OPERATIONS: 3000 OPERATIONS
ENVIRONMENTAL RATING: RAINPROOF RATED




Similar Part No. - 1301530140

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301530140 MOLEX11-1301530140 Datasheet
50Kb / 1P
Safeway In-Line Commercial GFCI, Permanent Mount, Single Phase,
1301530140 MOLEX1-1301530140_17 Datasheet
50Kb / 1P
Safeway In-Line Commercial GFCI, Permanent Mount, Single Phase, Manual Reset
More results


Similar Description - 1301530140

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130135-0241 MOLEX11-130135-0241 Datasheet
48Kb / 1P
Watertite GFCI Multiple Outlet Box, Open Neutral Relay
130135-0313 MOLEX11-130135-0313 Datasheet
52Kb / 1P
Watertite GFCI Multiple Outlet Box with Open Neutral Relay
130135-0314 MOLEX11-130135-0314 Datasheet
52Kb / 1P
Watertite GFCI Multiple Outlet Box with Open Neutral Relay
130135-0315 MOLEX11-130135-0315 Datasheet
52Kb / 1P
Watertite GFCI Multiple Outlet Box with Open Neutral Relay
1301530173 MOLEX-1301530173 Datasheet
312Kb / 1P
GFCI IN-LINE 30A WITH WATERTITE PLUG &CONN
2022/01/18
1301530178 MOLEX-1301530178 Datasheet
312Kb / 1P
GFCI IN-LINE 30A WITH WATERTITE PLUG &CONN
2022/01/18
1301530192 MOLEX-1301530192 Datasheet
312Kb / 1P
GFCI IN-LINE 30A WITH WATERTITE PLUG &CONN
2022/01/18
1301530195 MOLEX-1301530195 Datasheet
312Kb / 1P
GFCI IN-LINE 30A WITH WATERTITE PLUG &CONN
2022/01/18
1301530198 MOLEX-1301530198 Datasheet
312Kb / 1P
GFCI IN-LINE 30A WITH WATERTITE PLUG &CONN
2022/01/18
1301530221 MOLEX-1301530221 Datasheet
218Kb / 1P
20A. IN-LINE GFCI W/HUBBEL PLUG & PORTABLE OUTLET BOX
2022/03/03
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com