Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301530167 Datasheet (PDF) - Molex Electronics Ltd.

1301530167 Datasheet PDF - Molex Electronics Ltd.
Part # 1301530167
Download  1301530167 Download
File Size   222.83 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description 30A/120V INLINE GFCI AUTO 2FT MOLDED L5-30

1301530167 Datasheet (PDF)

Go To PDF Page Download Datasheet
1301530167 Datasheet PDF - Molex Electronics Ltd.

Part # 1301530167
Download  1301530167 Click to download

File Size   222.83 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description 30A/120V INLINE GFCI AUTO 2FT MOLDED L5-30

1301530167 Datasheet (HTML) - Molex Electronics Ltd.


1301530167 Product details

TECHNICAL
LISTED: UL & CSA
RATED SUPPLY VOLTAGE: 120VAC
RATED CURRENT: UP TO 30 AMPS
RESET TYPE: AUTOMATIC OR MANUAL
OPERATING FREQUENCY: 60 Hz
TYPE: CLASS A
GROUND TRIP CURRENT: 5mA +/- 1mA
OVERLOAD CURRENT: 180 AMPS, 0.45PF
INSULATION VOLTAGE: 1,500 VRMS - 1 MINUTE
ENDURANCE OPERATIONS: 3000 OPERATIONS
ENCLOSURE: NEMA 4X/6P




Similar Part No. - 1301530167

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301530167 MOLEX1-1301530167 Datasheet
37Kb / 1P
Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset
More results


Similar Description - 1301530167

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301530174 MOLEX-1301530174 Datasheet
292Kb / 1P
30A/120V GFCI AUTO 2FT. WATERTITE NEMA L5-30
2021/08/31
1301530175 MOLEX-1301530175 Datasheet
292Kb / 1P
30A/120V GFCI AUTO 2FT. WATERTITE NEMA L5-30
2021/08/31
1301530176 MOLEX-1301530176 Datasheet
292Kb / 1P
30A/120V GFCI AUTO 2FT. WATERTITE NEMA L5-30
2021/08/31
1301530177 MOLEX-1301530177 Datasheet
292Kb / 1P
30A/120V GFCI AUTO 2FT. WATERTITE NEMA L5-30
2021/08/31
1301530179 MOLEX-1301530179 Datasheet
292Kb / 1P
30A/120V GFCI AUTO 2FT. WATERTITE NEMA L5-30
2021/08/31
1301530180 MOLEX-1301530180 Datasheet
292Kb / 1P
30A/120V GFCI AUTO 2FT. WATERTITE NEMA L5-30
2021/08/31
1301530193 MOLEX-1301530193 Datasheet
300Kb / 1P
30A/240V INLINE GFCI AUTO 2FT WATERTITE NEMA
2021/08/17
1301530194 MOLEX-1301530194 Datasheet
300Kb / 1P
30A/240V INLINE GFCI AUTO 2FT WATERTITE NEMA
2021/08/17
1301530199 MOLEX-1301530199 Datasheet
300Kb / 1P
30A/240V INLINE GFCI AUTO 2FT v
2021/08/17
1301530200 MOLEX-1301530200 Datasheet
300Kb / 1P
30A/240V INLINE GFCI AUTO 2FT WATERTITE NEMA
2021/08/17
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com