Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SISS40DN Datasheet (PDF) - Vishay Siliconix

SISS40DN Datasheet PDF - Vishay Siliconix
Part # SISS40DN
Download  SISS40DN Download
File Size   188.96 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 100 V (D-S) MOSFETs

SISS40DN Datasheet (PDF)

Go To PDF Page Download Datasheet
SISS40DN Datasheet PDF - Vishay Siliconix

Part # SISS40DN
Download  SISS40DN Click to download

File Size   188.96 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 100 V (D-S) MOSFETs

SISS40DN Datasheet (HTML) - Vishay Siliconix


SISS40DN Product details

FEATURES
• ThunderFET® Technology Optimizes Balance
of RDS(on), Qg, Qsw and Qoss
• 100 % Rg and UIS Tested
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912

APPLICATIONS
• Primary side switch
• Synchronous Rectification
• DC/DC Conversion
• Load Switching
• Boost Converters
• DC/AC Inverters




Similar Part No. - SISS40DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SISS40DN VISHAY-SISS40DN Datasheet
215Kb / 9P
N-Channel 100 V (D-S) MOSFET
29-Jul-13
More results


Similar Description - SISS40DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VN2010L VISHAY-VN2010L Datasheet
45Kb / 4P
N-Channel 200-V (D-S) MOSFETs
16-Jul-01
SIZ728DT VISHAY-SIZ728DT Datasheet
210Kb / 14P
N-Channel 25 V (D-S) MOSFETs
04-Apr-11
SIZ728DT VISHAY-SIZ728DT_12 Datasheet
211Kb / 14P
N-Channel 25 V (D-S) MOSFETs
28-Nov-11
SIZ730DT VISHAY-SIZ730DT_12 Datasheet
211Kb / 14P
N-Channel 30 V (D-S) MOSFETs
28-Nov-11
logo
DinTek Semiconductor Co...
DTU15N10 DINTEK-DTU15N10_13 Datasheet
1Mb / 7P
N-Channel 100 V (D-S) MOSFET TrenchFET Power MOSFETS
DTU40N10 DINTEK-DTU40N10_13 Datasheet
509Kb / 8P
N-Channel 100-V (D-S) MOSFET TrenchFET Power MOSFETS
logo
Vishay Siliconix
SUM70042E VISHAY-SUM70042E_V01 Datasheet
190Kb / 8P
N-Channel 100 V (D-S) MOSFETS
15-Mar-2021
SIZ270DT VISHAY-SIZ270DT Datasheet
367Kb / 14P
Dual N-Channel 100 V (D-S) MOSFETs
10-Feb-2020
SIR514DP VISHAY-SIR514DP Datasheet
179Kb / 7P
N-Channel 100 V (D-S) MOSFETs
31-May-2021
SIR876ADP VISHAY-SIR876ADP_V02 Datasheet
367Kb / 13P
N-Channel 100 V (D-S) MOSFETs
14-Nov-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com