Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3670128 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

3670128 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 3670128
Download  3670128 Download
File Size   305.05 Kbytes
Page   5 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-SHC Two-piece Seamless Shielding Cabinet

3670128 Datasheet (PDF)

Go To PDF Page Download Datasheet
3670128 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 3670128
Download  3670128 Click to download

File Size   305.05 Kbytes
Page   5 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-SHC Two-piece Seamless Shielding Cabinet

3670128 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


3670128 Product details

General Information:
Operating Temperature -40 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 3670128

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
3670102 WURTH-3670102 Datasheet
303Kb / 5P
WE-SHC Two-piece Seamless Shielding Cabinet
001.000
3670108 WURTH-3670108 Datasheet
304Kb / 5P
WE-SHC Two-piece Seamless Shielding Cabinet
001.000
3670110 WURTH-3670110 Datasheet
201Kb / 4P
WE-SHC Two-piece Seamless Shielding Cabinet
001.000
36701106 WURTH-36701106 Datasheet
287Kb / 5P
WE-SHC Two-piece Seamless Shielding Cabinet
001.000
3670130 WURTH-3670130 Datasheet
288Kb / 5P
WE-SHC Two-piece Seamless Shielding Cabinet
001.000
More results


Similar Description - 3670128

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
3670466 WURTH-3670466 Datasheet
287Kb / 5P
WE-SHC Two-piece Seamless Shielding Cabinet
001.000
3670183 WURTH-3670183 Datasheet
287Kb / 5P
WE-SHC Two-piece Seamless Shielding Cabinet
001.000
3670191 WURTH-3670191 Datasheet
290Kb / 5P
WE-SHC Two-piece Seamless Shielding Cabinet
001.000
3670206 WURTH-3670206 Datasheet
201Kb / 4P
WE-SHC Two-piece Seamless Shielding Cabinet
001.000
3670259 WURTH-3670259 Datasheet
287Kb / 5P
WE-SHC Two-piece Seamless Shielding Cabinet
001.000
3670260 WURTH-3670260 Datasheet
290Kb / 5P
WE-SHC Two-piece Seamless Shielding Cabinet
001.000
3670263 WURTH-3670263 Datasheet
290Kb / 5P
WE-SHC Two-piece Seamless Shielding Cabinet
001.000
3670293 WURTH-3670293 Datasheet
289Kb / 5P
WE-SHC Two-piece Seamless Shielding Cabinet
001.000
3670400 WURTH-3670400 Datasheet
288Kb / 5P
WE-SHC Two-piece Seamless Shielding Cabinet
001.000
3670402 WURTH-3670402 Datasheet
287Kb / 5P
WE-SHC Two-piece Seamless Shielding Cabinet
001.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com