Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIJH600E Datasheet (PDF) - Vishay Siliconix

SIJH600E Datasheet PDF - Vishay Siliconix
Part # SIJH600E
Download  SIJH600E Download
File Size   190.86 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 60 V (D-S) 175 °C MOSFET

SIJH600E Datasheet (PDF)

Go To PDF Page Download Datasheet
SIJH600E Datasheet PDF - Vishay Siliconix

Part # SIJH600E
Download  SIJH600E Click to download

File Size   190.86 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 60 V (D-S) 175 °C MOSFET

SIJH600E Datasheet (HTML) - Vishay Siliconix


SIJH600E Product details

FEATURES
• TrenchFET® Gen IV power MOSFET
• Fully lead (Pb)-free device
• Optimized Qg, Qgd, and Qgd/Qgs ratio reduces
switching related power loss
• 50 % smaller footprint than D2PAK (TO-263)
• 100 % Rg and UIS tested
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Synchronous rectification
• OR-ing
• Motor drive control
• Battery management
• Power supply




Similar Part No. - SIJH600E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIJH112E VISHAY-SIJH112E Datasheet
245Kb / 10P
N-Channel 100 V (D-S) 175 째C MOSFET
23-May-2022
SIJH440E VISHAY-SIJH440E Datasheet
199Kb / 7P
N-Channel 40 V (D-S) 175 °C MOSFET
17-Oct-16
SIJH440E VISHAY-SIJH440E Datasheet
253Kb / 10P
N-Channel 40 V (D-S) 175 째C MOSFET
17-Oct-16
SIJH440E VISHAY-SIJH440E_V01 Datasheet
253Kb / 10P
N-Channel 40 V (D-S) 175 째C MOSFET
17-Oct-16
SIJH5100E VISHAY-SIJH5100E Datasheet
209Kb / 7P
N-Channel 100 V (D-S) 175 °C MOSFET
09-May-2022
More results


Similar Description - SIJH600E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUB75N06-12L VISHAY-SUB75N06-12L Datasheet
77Kb / 4P
N-Channel 60-V (D-S), 175C MOSFET
07-Sep-98
SUM70N06-11 VISHAY-SUM70N06-11 Datasheet
52Kb / 5P
N-Channel 60-V (D-S), 175 C MOSFET
31-Mar-03
SUM110N06-06 VISHAY-SUM110N06-06 Datasheet
45Kb / 5P
N-Channel 60-V (D-S), 175C MOSFET
25-Nov-02
SUD50N06-12 VISHAY-SUD50N06-12 Datasheet
69Kb / 5P
N-Channel 60-V (D-S) 175 C MOSFET
15-Sep-03
SUM75N06-09L VISHAY-SUM75N06-09L_08 Datasheet
110Kb / 6P
N-Channel 60-V (D-S), 175 °C MOSFET
11-Feb-08
SUM110N06-3M4L VISHAY-SUM110N06-3M4L_08 Datasheet
118Kb / 6P
N-Channel 60-V (D-S) 175 °C MOSFET
11-Feb-08
SIDR626EP VISHAY-SIDR626EP Datasheet
177Kb / 7P
N-Channel 60 V (D-S) 175 °C MOSFET
28-Feb-2022
logo
VBsemi Electronics Co.,...
VBE1606 VBSEMI-VBE1606_V01 Datasheet
669Kb / 8P
N-Channel 60 V (D-S) 175 °C MOSFET
VBL7603 VBSEMI-VBL7603 Datasheet
463Kb / 7P
N-Channel 60 V (D-S) 175 °C MOSFET
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com