Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARX3A0 Datasheet (PDF) - ON Semiconductor

ARX3A0 Datasheet PDF - ON Semiconductor
Part # ARX3A0
Download  ARX3A0 Download
File Size   6302.97 Kbytes
Page   18 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RSL10 Smart Shot Camera User Manual Event?뭈riggered AI Imaging Platform, Bluetooth Low Energy Enabled

ARX3A0 Datasheet (PDF)

Go To PDF Page Download Datasheet
ARX3A0 Datasheet PDF - ON Semiconductor

Part # ARX3A0
Download  ARX3A0 Click to download

File Size   6302.97 Kbytes
Page   18 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RSL10 Smart Shot Camera User Manual Event?뭈riggered AI Imaging Platform, Bluetooth Low Energy Enabled

ARX3A0 Datasheet (HTML) - ON Semiconductor


ARX3A0 Product details

Description
The RSL10 Smart Shot Camera (SECO−RSL10−CAM−GEVB) is a
complete node−to−cloud platform that enables smart image capture
for portable, low duty cycle IoT applications including asset
monitoring and security. Based on the RSL10 SIP and ARX3A0
CMOS image sensor, the platform features multiple trigger modes
including time, motion detection, and environmental sensor triggers
(e.g. changes in temperature and humidity).
The RSL10 SIP serves as the processing hub of the camera, enabling
Bluetooth Low Energy connectivity of captured image and sensor data
to the provided mobile app (available on GooglePlay, iOS®).
Using the app, developers can access a variety of features including
cloud connectivity, remote configuration of sensors (thresholds and
default settings), and change the image capture trigger modes.
Connected to an Image Analytics/AI engine, located in the cloud, the
app is capable of detecting and identifying objects using an AI cloud
service. The mobile application returns the captured image, along with
the list of identified objects and confidence levels.
The platform features the ARX3A0 Mono 65° DFOV IAS Module,
a compact design form−factor used for developing compact cameras
with 360 fps mono imaging based on the ARX3A0 CMOS image
sensor. ARX3A0 offers high sensitivity at both visible and NIR
wavelength, and has a super low power mode that consumes 3.2 mW
when active. Additionally, ARX3A0 can be programmed to monitor
specific zones of its field of view, automatically taking an image when
the scene’s contents change. Embedded on the platform hardware, the
SPCV1100A from SunplusIT® provides multiple color processing
features and JPEG image compression.
The impressive low−power operation of the RSL10 SIP and
ARX3A0 is complemented by a dedicated NCP6925 Power
Management IC (PMIC) (NCP6925) and additional smart power
management modes implemented in hardware. Other devices enabling
the efficient power management are the FAN54120 USB−compatible
linear Li−Ion battery charger and the FAN49100 ultra−Low Iq buck−
boost regulator. Thanks to these features, the RSL10 Smart Shot
Camera supports an extended battery lifetime of more than one year.

FEATURES
• Supports multiple image capture trigger modes
♦ Periodic (1 second to 1 minute intervals)
♦ Continuous video−like stream with less than
1 frame/s on BLE5.0 and above on compatible
mobile devices
♦ Proximity detection
♦ Acceleration
♦ Environment change
• Bluetooth Low Energy connectivity (Bluetooth 5)
enabled by the RSL10 SIP
♦ FOTA (Firmware Over The Air) updates
• Small form Factor (55 x 65 mm)
• Advanced 360 fps imaging provided by the ARX3A0
Mono 65° DFOV IAS Module
♦ High sensitivity at both visible and NIR wavelength
♦ Ultra low power (3.2 mW)
♦ 1/10” sensor for super compact module
• Auto Exposure feature enabled during image processing
• RSL10 Smartshot Mobile App (GooglePlay) (IOS)
♦ Cloud connectivity to Amazon Web Services
(Amazon Rekognition)
♦ Image Analytics/AI Engine to detect and identify
objects within an image
• Unprecedented ultra−low power consumption (Standby
and Active Mode ) for battery life >1 year
• Multiple powering options (USB or rechargeable Li−Ionbatteries)

APPLICATIONS
• Asset Monitoring
• Security
• Smart Agriculture
• Criteria−based Monitoring




Similar Part No. - ARX3A0

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ARX383CS ONSEMI-ARX383CS Datasheet
299Kb / 4P
1/8-inch 0.3 MP CMOS Digital Image Sensor
August, 2024
ARX383CSSM00SMKA0-CP ONSEMI-ARX383CSSM00SMKA0-CP Datasheet
299Kb / 4P
1/8-inch 0.3 MP CMOS Digital Image Sensor
August, 2024
ARX383CSSM00SMKA0-CP2 ONSEMI-ARX383CSSM00SMKA0-CP2 Datasheet
299Kb / 4P
1/8-inch 0.3 MP CMOS Digital Image Sensor
August, 2024
ARX383CSSM00SMKA0-CR ONSEMI-ARX383CSSM00SMKA0-CR Datasheet
299Kb / 4P
1/8-inch 0.3 MP CMOS Digital Image Sensor
August, 2024
ARX383CSSM00SMKAH3-GEVB ONSEMI-ARX383CSSM00SMKAH3-GEVB Datasheet
299Kb / 4P
1/8-inch 0.3 MP CMOS Digital Image Sensor
August, 2024
More results


Similar Description - ARX3A0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2564-TIWI-UB2 TI-CC2564-TIWI-UB2 Datasheet
26Kb / 2P
Bluetooth Module that is Bluetooth Low Energy - Smart Ready from LS Research
logo
LAPIS Semiconductor Co....
ML7105 LAPIS-ML7105 Datasheet
683Kb / 30P
Bluetooth Low Energy
logo
Monolithic Power System...
MP5455 MPS-MP5455 Datasheet
650Kb / 17P
Peak Power Assist for Smart/AI-Enabled Speakers and Low-Power Applications
EV5455-L-00A MPS-EV5455-L-00A Datasheet
221Kb / 7P
Peak Power Assist for Smart/AI-Enabled Speakers, Evaluation Board
logo
Murata Manufacturing Co...
MBN52832 MURATA1-MBN52832 Datasheet
1Mb / 34P
Bluetooth Low Energy modul
logo
Qorvo, Inc
QPG6095J QORVO-QPG6095J Datasheet
202Kb / 3P
Bluetooth Low Energy Smart Home Communications Controller
QPG6095 QORVO-QPG6095 Datasheet
197Kb / 3P
Bluetooth Low Energy Smart Home Communications Controller
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580 Datasheet
96Kb / 4P
Bluetooth Smart changed to Bluetooth low energy as per Bluetooth SIG directive.
logo
ON Semiconductor
EVBUM2596 ONSEMI-EVBUM2596 Datasheet
1Mb / 7P
Energy Harvesting Bluetooth Low Energy Switch User Guide
July, 2019 ??Rev. 1
logo
Silicon Laboratories
BLE121LR SILABS-BLE121LR Datasheet
5Mb / 35P
Renamed "Bluetooth Smart" to "Bluetooth Low Energy" according to the official Bluetooth SIG nomenclature
Version 1.8
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com