Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301530244 Datasheet (PDF) - Molex Electronics Ltd.

1301530244 Datasheet PDF - Molex Electronics Ltd.
Part # 1301530244
Download  1301530244 Download
File Size   871.47 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description GFCI 30A, 240/208VAC PERMANENT FLYING LEADS

1301530244 Datasheet (PDF)

Go To PDF Page Download Datasheet
1301530244 Datasheet PDF - Molex Electronics Ltd.

Part # 1301530244
Download  1301530244 Click to download

File Size   871.47 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description GFCI 30A, 240/208VAC PERMANENT FLYING LEADS

1301530244 Datasheet (HTML) - Molex Electronics Ltd.


1301530244 Product details

TECHNICAL
LISTED: UL & CSA
RATED SUPPLY VOLTAGE: 208/240VAC 3⌀
RATED CURRENT: UP TO 30 AMPS
RESET TYPE: AUTOMATIC OR MANUAL
OPERATING FREQUENCY: 60 Hz
TYPE: CLASS A
GROUND TRIP CURRENT: 5mA +/- 1mA
OVERLOAD CURRENT: 180 AMPS, 0.45PF
INSULATION VOLTAGE: 1,500 VRMS - 1 MINUTE
ENDURANCE OPERATIONS: 3000 OPERATIONS
ENCLOSURE: NEMA 4X/6P




Similar Part No. - 1301530244

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301530244 MOLEX1-1301530244 Datasheet
34Kb / 1P
Super-Safeway Fixed Mount Industrial GFCI, Permanent Mount, Multi Phase
1301530244 MOLEX-1301530244 Datasheet
871Kb / 2P
GFCI 30A, 240/208VAC PERMANENT FLYING LEADS
2021/08/06
1301530244 MOLEX-1301530244 Datasheet
871Kb / 2P
GFCI 30A, 240/208VAC PERMANENT FLYING LEADS
2021/08/06
More results


Similar Description - 1301530244

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301530262 MOLEX11-1301530262 Datasheet
58Kb / 1P
Super-Safeway In-Line Industrial GFCI, Manual Reset, Flying Leads, 30A, 120V
130153-0263 MOLEX11-130153-0263 Datasheet
23Kb / 1P
Super-Safeway Fixed Mount GFCI, Automatic Reset, Flying Leads, 30A, 120V, 0.61m
1301530181 MOLEX-1301530181 Datasheet
182Kb / 1P
GFCI 30A, 120/240VAC INLINE FLYING LEADS
2021/08/06
1301530182 MOLEX-1301530182 Datasheet
182Kb / 1P
GFCI 30A, 120/240VAC INLINE FLYING LEADS
2021/08/06
1301530240 MOLEX-1301530240 Datasheet
871Kb / 2P
GFCI 30A, 240/208VAC PERMANENT FLYING LEADS
2021/08/06
1301530241 MOLEX-1301530241 Datasheet
871Kb / 2P
GFCI 30A, 240/208VAC PERMANENT FLYING LEADS
2021/08/06
1301530243 MOLEX-1301530243 Datasheet
871Kb / 2P
GFCI 30A, 120/240VAC PERMANENT FLYING LEADS
2021/08/06
1301530245 MOLEX-1301530245 Datasheet
871Kb / 2P
GFCI 30A, 240/208VAC PERMANENT FLYING LEADS
2021/08/06
1301530261 MOLEX-1301530261 Datasheet
182Kb / 1P
GFCI 30A, 120/240VAC INLINE FLYING LEADS
2021/08/06
1301530262 MOLEX-1301530262 Datasheet
182Kb / 1P
GFCI 30A, 120/240VAC INLINE FLYING LEADS
2021/08/06
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com