Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3DV642 Datasheet (PDF) - NXP Semiconductors

NX3DV642 Datasheet PDF - NXP Semiconductors
Part # NX3DV642
Download  NX3DV642 Download
File Size   833.95 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3-lane high-speed MIPI compatible switch

NX3DV642 Datasheet (PDF)

Go To PDF Page Download Datasheet
NX3DV642 Datasheet PDF - NXP Semiconductors

Part # NX3DV642
Download  NX3DV642 Click to download

File Size   833.95 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3-lane high-speed MIPI compatible switch

NX3DV642 Datasheet (HTML) - NXP Semiconductors


NX3DV642 Product details

General description
The NX3DV642 is a high-speed triple-pole double-throw differential signal switch. The
device is optimized for switching between two MIPI devices, such as cameras or LCD
displays and on-board multimedia application processors.
The NX3DV642 is compatible with the requirements of Mobile Industry Processor
Interface (MIPI). The low capacitance design allows the NX3DV642 to switch signals that
exceed 500 MHz in frequency

Features and benefits
 Supply voltage range from 2.65 V to 4.3 V
 7.5  typical ON resistance
 8.4 pF typical ON capacitance
 950 MHz typical bandwidth or data frequency
 Low crosstalk of 55 dB at 100 MHz
 Break-before-make switching
 ESD protection:
 HBM JESD22-A114F Class 2 exceeds 2000 V
 CDM AEC-Q100-011 revision B exceeds 1000 V
 HBM exceeds 12000 V for power to GND protection
 Latch-up performance exceeds 100 mA per JESD 78 Class II Level A
 Specified from 40 C to +85 C

Applications
 Dual camera applications for cell phones
 Dual LCD applications for cell phones, digital camera displays and viewfinders




Similar Part No. - NX3DV642

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3DV642 PHILIPS-NX3DV642_15 Datasheet
833Kb / 16P
3-lane high-speed MIPI compatible switch
Rev. 1-20 August 2012
More results


Similar Description - NX3DV642

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA642 FAIRCHILD-FSA642 Datasheet
441Kb / 2P
Low-Power, Three-Port, High-Speed MIPI Switch
FSA642 FAIRCHILD-FSA642_12 Datasheet
1Mb / 3P
Low-Power, Three-Port, High-Speed MIPI Switch
logo
NXP Semiconductors
NX3DV642 PHILIPS-NX3DV642_15 Datasheet
833Kb / 16P
3-lane high-speed MIPI compatible switch
Rev. 1-20 August 2012
logo
Texas Instruments
TS5MP646 TI1-TS5MP646 Datasheet
1Mb / 30P
Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
logo
ON Semiconductor
FSA642 ONSEMI-FSA642 Datasheet
1Mb / 12P
Low-Power, Three-Port, High-Speed MIPI Switch
December-2017, Rev. 2
FSA644 ONSEMI-FSA644 Datasheet
1Mb / 11P
2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
May 2018 Rev. 2
FSA646 ONSEMI-FSA646 Datasheet
458Kb / 8P
2:1 MIPI D-PHY 4-Data Lane Switch
June, 2018 ??Rev. 0
FSA646A ONSEMI-FSA646A Datasheet
487Kb / 9P
2:1 MIPI D-PHY (4.5Gbps) 4-Data-Lane & C-PHY (3.5Gsps) 3-Data-Lane Switch
April, 2019 ??Rev. 0
logo
Diodes Incorporated
PI3WVR626 DIODES-PI3WVR626 Datasheet
1Mb / 12P
2:1 MIPI 2-Data Lane Switch
Rev 3 - 2 March 2020
PI3WVR2646 DIODES-PI3WVR2646 Datasheet
645Kb / 9P
2:1 MIPI 4-Data Lane Switch
Rev 4 - 2 September 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com