Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3P1108 Datasheet (PDF) - NXP Semiconductors

NX3P1108 Datasheet PDF - NXP Semiconductors
Part # NX3P1108
Download  NX3P1108 Download
File Size   352.72 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Logic controlled high-side power switch

NX3P1108 Datasheet (PDF)

Go To PDF Page Download Datasheet
NX3P1108 Datasheet PDF - NXP Semiconductors

Part # NX3P1108
Download  NX3P1108 Click to download

File Size   352.72 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Logic controlled high-side power switch

NX3P1108 Datasheet (HTML) - NXP Semiconductors


NX3P1108 Product details

General description
The NX3P1108 is a high-side load switch which features a low ON resistance P-channel
MOSFET that supports more than 1.5 A of continuous current. It has an integrated output
discharge resistor to discharge the output capacitance when disabled. Designed for
operation from 0.9 V to 3.6 V, it is used in power domain isolation applications to reduce
power dissipation and extend battery life. The enable logic includes integrated logic level
translation making the device compatible with lower voltage processors and controllers.
The NX3P1108 is ideal for portable, battery operated applications due to low ground
current and ultra-low OFF-state current.

Features and benefits
 Wide supply voltage range from 0.9 V to 3.6 V
 Very low ON resistance:
 34 m at a supply voltage of 3.3 V
 High noise immunity
 Low OFF-state leakage current (2.0 A maximum)
 1.2 V control logic at a supply voltage of 3.6 V
 High current handling capability (1.5 A continuous current)
 Internal output discharge resistor
 Turn-on slew rate limiting
 ESD protection:
 HBM JESD22-A114F Class 3A exceeds 4000 V
 CDM AEC-Q100-011 revision B exceeds 500 V
 Specified from 40 C to +85 C

Applications
 Cell phone
 Digital cameras and audio devices
 Portable and battery-powered equipment




Similar Part No. - NX3P1108

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3P1108 PHILIPS-NX3P1108_15 Datasheet
296Kb / 16P
NX3P1108_15
Rev. 1-9 January 2013
More results


Similar Description - NX3P1108

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3P191 NXP-NX3P191 Datasheet
1Mb / 15P
Logic controlled high-side power switch
Rev. 2-4 November 2011
NX3P190 PHILIPS-NX3P190_15 Datasheet
990Kb / 14P
Logic controlled high-side power switch
Rev. 5-14 January 2014
NX3P191 PHILIPS-NX3P191_15 Datasheet
1Mb / 15P
Logic controlled high-side power switch
Rev. 5-14 January 2014
NX5P2924C PHILIPS-NX5P2924C Datasheet
465Kb / 20P
Logic controlled high-side power switch
Rev. 1-7 July 2015
NX5P2190 PHILIPS-NX5P2190_15 Datasheet
628Kb / 20P
Logic controlled high-side power switch
Rev. 1.1-15 January 2015
NX5P2090 PHILIPS-NX5P2090_15 Datasheet
644Kb / 20P
Logic controlled high-side power switch
Rev. 2.1-15 January 2015
NX3P2902B PHILIPS-NX3P2902B_15 Datasheet
417Kb / 15P
Logic controlled high-side power switch
Rev. 1-29 April 2013
NX5P1100 NXP-NX5P1100 Datasheet
672Kb / 20P
Logic controlled high-side power switch
Rev. 1 ??21 March 2014
NX5P2924 NXP-NX5P2924 Datasheet
305Kb / 17P
Logic controlled high-side power switch
Rev. 1 ??24 February 2014
NX5P2924D NXP-NX5P2924D Datasheet
506Kb / 23P
Logic controlled high-side power switch
Rev. 1.0 ??21 June 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com