Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX5P2090 Datasheet (PDF) - NXP Semiconductors

NX5P2090 Datasheet PDF - NXP Semiconductors
Part # NX5P2090
Download  NX5P2090 Download
File Size   644.42 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Logic controlled high-side power switch

NX5P2090 Datasheet (PDF)

Go To PDF Page Download Datasheet
NX5P2090 Datasheet PDF - NXP Semiconductors

Part # NX5P2090
Download  NX5P2090 Click to download

File Size   644.42 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Logic controlled high-side power switch

NX5P2090 Datasheet (HTML) - NXP Semiconductors


NX5P2090 Product details

General description
The NX5P2090 is an advanced power switch for USB OTG applications. It includes
under-voltage and over-voltage lockout, over-current, over-temperature, reverse bias and
in-rush current protection circuits. These are designed to automatically isolate a VBUS
OTG voltage source from a VBUS interface pin when a fault occurs. The device features
two power switch terminals, one input (VINT) and one output (VBUS); a current limit input
(ILIM) for defining the over-current and in-rush current limit; a voltage detect output
(VDET) to monitor the voltage level on VBUS; an open-drain fault output (FAULT) to
indicate when a fault condition has occurred and an enable input (EN) to control the state
of the switch. When EN is set LOW the device enters a low-power mode, disabling all
protection circuits except the under-voltage lockout. The low-power mode can be entered
at anytime unless the over temperature protection circuit has been triggered.
Designed for operation from 3 V to 5.5 V, it is used in power domain isolation applications
to protect from out of range operation. The enable input includes integrated logic level
translation making the device compatible with lower voltage processors and controllers.

Features and benefits
 Wide supply voltage range from 3 V to 5.5 V
 30 V tolerant on VBUS
 ISW maximum 2 A continuous current
 Very low ON resistance: 100 m (maximum) at a supply voltage of 4.0 V
 Low-power mode (ground current 20 A typical)
 1.8 V control logic
 Soft start turn-on slew rate
 Protection circuitry
 Over-temperature protection
 Over-current protection with low current output mode
 Reverse bias current/Back drive protection
 Over-voltage lockout
 Under-voltage lockout
 Analog voltage limited VBUS monitor path
 ESD protection:
 HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2 kV
 IEC61000-4-2 contact discharge exceeds 8 kV for pins VBUS
 Specified from 40 C to +85 C

Applications
 USB OTG applications




Similar Part No. - NX5P2090

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX5P2090 PHILIPS-NX5P2090_15 Datasheet
644Kb / 20P
Logic controlled high-side power switch
Rev. 2.1-15 January 2015
More results


Similar Description - NX5P2090

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3P191 NXP-NX3P191 Datasheet
1Mb / 15P
Logic controlled high-side power switch
Rev. 2-4 November 2011
NX3P190 PHILIPS-NX3P190_15 Datasheet
990Kb / 14P
Logic controlled high-side power switch
Rev. 5-14 January 2014
NX3P191 PHILIPS-NX3P191_15 Datasheet
1Mb / 15P
Logic controlled high-side power switch
Rev. 5-14 January 2014
NX5P2924C PHILIPS-NX5P2924C Datasheet
465Kb / 20P
Logic controlled high-side power switch
Rev. 1-7 July 2015
NX5P2190 PHILIPS-NX5P2190_15 Datasheet
628Kb / 20P
Logic controlled high-side power switch
Rev. 1.1-15 January 2015
NX5P2090 PHILIPS-NX5P2090_15 Datasheet
644Kb / 20P
Logic controlled high-side power switch
Rev. 2.1-15 January 2015
NX3P2902B PHILIPS-NX3P2902B_15 Datasheet
417Kb / 15P
Logic controlled high-side power switch
Rev. 1-29 April 2013
NX5P1100 NXP-NX5P1100 Datasheet
672Kb / 20P
Logic controlled high-side power switch
Rev. 1 ??21 March 2014
NX5P2924 NXP-NX5P2924 Datasheet
305Kb / 17P
Logic controlled high-side power switch
Rev. 1 ??24 February 2014
NX5P2924D NXP-NX5P2924D Datasheet
506Kb / 23P
Logic controlled high-side power switch
Rev. 1.0 ??21 June 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com