Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3270329 Datasheet (PDF) - PHOENIX CONTACT

3270329 Datasheet PDF - PHOENIX CONTACT
Part # 3270329
Download  3270329 Download
File Size   714.03 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Marshalling patchboard - PTMC 1,5/80-2

3270329 Datasheet (PDF)

Go To PDF Page Download Datasheet
3270329 Datasheet PDF - PHOENIX CONTACT

Part # 3270329
Download  3270329 Click to download

File Size   714.03 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Marshalling patchboard - PTMC 1,5/80-2

3270329 Datasheet (HTML) - PHOENIX CONTACT


3270329 Product details

Marshalling patchboard, Labeled from 1 - 80, nom. voltage: 500 V, nominal current: 17.5 A,
connection method: Push-in connection, cross section: 0.14 mm2 - 2.5 mm2, mounting: Wall
mounting, color: gray, color of connection elements: gray/white

Your advantages
• Clear representation of actuation and terminal points through vertical conductor routing
• Tool-free wiring in a confined space thanks to compact size
• For mounting in a panel cutout
• High contact quality thanks to push-in technology as a replacement for Wire-Wrap®, TERMI-POINT®, etc.




Similar Part No. - 3270329

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3270320 PHOENIX-3270320 Datasheet
695Kb / 22P
Marshalling patchboard - PTMC 1,5/48-3 /BU
Jun 13, 2022
3270321 PHOENIX-3270321 Datasheet
686Kb / 22P
Marshalling patchboard - PTMC 1,5/48-3 /BU 19Z
Jun 13, 2022
3270322 PHOENIX-3270322 Datasheet
668Kb / 22P
Marshalling patchboard - PTMC 1,5/48-2
Jun 13, 2022
3270323 PHOENIX-3270323 Datasheet
669Kb / 22P
Marshalling patchboard - PTMC 1,5/48-2 /BU
Jun 13, 2022
3270324 PHOENIX-3270324 Datasheet
758Kb / 22P
Marshalling patchboard - PTMC 1,5/80-3
Jun 13, 2022
More results


Similar Description - 3270329

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3270430 PHOENIX-3270430 Datasheet
144Kb / 13P
Marshalling patchboard - PTMC 1,5-2 /BU
09/12/2020
3270302 PHOENIX-3270302 Datasheet
618Kb / 28P
Marshalling patchboard - PTMC 1,5-2 /GY
Jun 2, 2022
3270303 PHOENIX-3270303 Datasheet
618Kb / 28P
Marshalling patchboard - PTMC 1,5-2 /WH
Jun 2, 2022
3270438 PHOENIX-3270438 Datasheet
618Kb / 28P
Marshalling patchboard - PTMC 1,5-2 /PK
Jun 3, 2022
3270431 PHOENIX-3270431 Datasheet
618Kb / 28P
Marshalling patchboard - PTMC 1,5-2 /RD
Jun 2, 2022
3001940 PHOENIX-3001940 Datasheet
349Kb / 14P
Marshalling patchboard - PTMC 1,5 /2-2 -DF
Jun 23, 2022
3270324 PHOENIX-3270324 Datasheet
758Kb / 22P
Marshalling patchboard - PTMC 1,5/80-3
Jun 13, 2022
3270330 PHOENIX-3270330 Datasheet
715Kb / 22P
Marshalling patchboard - PTMC 1,5/80-2 /BU
Jun 13, 2022
3270325 PHOENIX-3270325 Datasheet
740Kb / 22P
Marshalling patchboard - PTMC 1,5/80-3 19Z
Jun 13, 2022
3270326 PHOENIX-3270326 Datasheet
759Kb / 22P
Marshalling patchboard - PTMC 1,5/80-3 /BU
Jun 13, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com