Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3270341 Datasheet (PDF) - PHOENIX CONTACT

3270341 Datasheet PDF - PHOENIX CONTACT
Part # 3270341
Download  3270341 Download
File Size   617.78 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Marshalling patchboard - FTMC 1,5-3 /WH

3270341 Datasheet (PDF)

Go To PDF Page Download Datasheet
3270341 Datasheet PDF - PHOENIX CONTACT

Part # 3270341
Download  3270341 Click to download

File Size   617.78 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Marshalling patchboard - FTMC 1,5-3 /WH

3270341 Datasheet (HTML) - PHOENIX CONTACT


3270341 Product details

Marshalling patchboard, without actuation lever, nom. voltage: 500 V, nominal current: 17.5 A,
connection method: Push-in connection, cross section: 0.14 mm2 - 2.5 mm2, mounting: for
snapping onto a DIN rail adapter, for snapping onto a cover flange, color: gray, color of
connection elements: white

Your advantages
• Tool-free wiring in a confined space thanks to compact size
• Color configuration possible according to VDE 0812, VDE 0815, DIN 47100 or unlimited.
• Individual color assignment of cable and terminal point to ensure error-free, safe operation
• High contact quality thanks to push-in technology as a replacement for Wire-Wrap®, TERMI-POINT®, etc.
• Suitable for DIN rail mounting and panel cutouts with corresponding accessories
• Individual setup thanks to modular principle




Similar Part No. - 3270341

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3270340 PHOENIX-3270340 Datasheet
415Kb / 18P
Marshalling patchboard - FTMC 1,5-3 /GY
Jun 13, 2022
3270342 PHOENIX-3270342 Datasheet
415Kb / 18P
Marshalling patchboard - FTMC 1,5-2 /GY
Jun 13, 2022
3270343 PHOENIX-3270343 Datasheet
415Kb / 18P
Marshalling patchboard - FTMC 1,5-2 /WH
Jun 13, 2022
More results


Similar Description - 3270341

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3270443 PHOENIX-3270443 Datasheet
617Kb / 28P
Marshalling patchboard - FTMC 1,5-3 /BN
Jun 3, 2022
3270444 PHOENIX-3270444 Datasheet
616Kb / 28P
Marshalling patchboard - FTMC 1,5-3 /BK
Jun 3, 2022
3270446 PHOENIX-3270446 Datasheet
618Kb / 28P
Marshalling patchboard - FTMC 1,5-3 /OG
Jun 3, 2022
3270448 PHOENIX-3270448 Datasheet
618Kb / 28P
Marshalling patchboard - FTMC 1,5-3 /PK
Jun 3, 2022
3001959 PHOENIX-3001959 Datasheet
346Kb / 14P
Marshalling patchboard - FTMC 1,5 /3-3-NS
Jun 22, 2022
3270441 PHOENIX-3270441 Datasheet
618Kb / 28P
Marshalling patchboard - FTMC 1,5-3 /RD
Jun 7, 2022
3270358 PHOENIX-3270358 Datasheet
680Kb / 22P
Marshalling patchboard - FTMC 1,5/48-3
Jun 10, 2022
3270340 PHOENIX-3270340 Datasheet
415Kb / 18P
Marshalling patchboard - FTMC 1,5-3 /GY
Jun 13, 2022
3270343 PHOENIX-3270343 Datasheet
415Kb / 18P
Marshalling patchboard - FTMC 1,5-2 /WH
Jun 13, 2022
3270350 PHOENIX-3270350 Datasheet
655Kb / 22P
Marshalling patchboard - FTMC 1,5/32-3
Jun 13, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com