Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS-638655100 Datasheet (PDF) - Molex Electronics Ltd.

ATS-638655100 Datasheet PDF - Molex Electronics Ltd.
Part # ATS-638655100
Download  ATS-638655100 Download
File Size   263.22 Kbytes
Page   5 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Fine Adjust Applicator for CRC™ Crimp Terminal

ATS-638655100 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-638655100 Datasheet PDF - Molex Electronics Ltd.

Part # ATS-638655100
Download  ATS-638655100 Click to download

File Size   263.22 Kbytes
Page   5 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Fine Adjust Applicator for CRC™ Crimp Terminal

ATS-638655100 Datasheet (HTML) - Molex Electronics Ltd.


ATS-638655100 Product details

FEATURES
Directly adapts to most automatic wire processing machines
Quick punch removal with the push of a button for fast and easy tooling change
Applicator designed to industry standard mounting and shut height 135.80mm (5.346")
Quick set-up time; plus the crimp height, track and feed adjustments can be set without removing the
applicator from the press
Fine adjustment allows users to achieve target with little effort by adjusting in increments of .015mm (.0006")
for conductor crimp height and .063mm (.0025") for insulation height
Independent adjustment rings allow users to quickly adjust the conductor or insulation crimp height without
affecting each other




Similar Part No. - ATS-638655100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-638605100 MOLEX-ATS-638605100 Datasheet
352Kb / 5P
Fine Adjust Applicator for 2.50mm (.098) Pitch Crimp Terminals.
07-28-10
ATS-638608100 MOLEX-ATS-638608100 Datasheet
209Kb / 6P
Fine Adjust Applicator for Micro-Fit 3.0??Crimp Terminals
09-19-06
ATS-638618100 MOLEX-ATS-638618100 Datasheet
170Kb / 5P
63861-8100 Fine Adjust Applicator
09-15-06
ATS-638622000 MOLEX-ATS-638622000 Datasheet
146Kb / 5P
Fine Adjust for Ulti-Mate??Commercial Micro-D Terminals
10-10-07
ATS-638626100 MOLEX-ATS-638626100 Datasheet
283Kb / 5P
Fine Adjust 2.00mm (.079) Pitch Crimp Terminals
09-10-09
More results


Similar Description - ATS-638655100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63900-7300 MOLEX-63900-7300 Datasheet
386Kb / 5P
Fine Adjust Applicator for KK짰 Crimp Terminal
04-27-10
63865-5100 MOLEX-63865-5100 Datasheet
263Kb / 5P
Fine Adjust Applicator for CRC??Crimp Terminal
09-01-09
ATS-639003400 MOLEX-ATS-639003400 Datasheet
272Kb / 5P
Fine Adjust Applicator for SL??Crimp Terminal
02-28-08
ATS-639003500 MOLEX-ATS-639003500 Datasheet
203Kb / 5P
Fine Adjust Applicator for SL??Crimp Terminal
02-27-08
ATS-639003600 MOLEX-ATS-639003600 Datasheet
270Kb / 5P
Fine Adjust Applicator for SL??Crimp Terminal
02-27-08
ATS-639006500 MOLEX-ATS-639006500 Datasheet
185Kb / 5P
Fine Adjust Applicator for SL??Crimp Terminal
11-29-07
ATS-639014500 MOLEX-ATS-639014500 Datasheet
300Kb / 5P
Fine Adjust Applicator for SL??Crimp Terminal
03-17-09
ATS-639020600 MOLEX-ATS-639020600 Datasheet
333Kb / 5P
Fine Adjust Applicator for SL??Crimp Terminal
05-10-10
ATS-639027800 MOLEX-ATS-639027800 Datasheet
268Kb / 5P
Fine Adjust Applicator for SL??Crimp Terminal
01-20-14
ATS-639004300 MOLEX-ATS-639004300 Datasheet
281Kb / 5P
Fine Adjust Applicator Pico-Gold™ Crimp Terminal
12-18-12
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com