Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7454DP Datasheet (PDF) - Vishay Siliconix

SI7454DP Datasheet PDF - Vishay Siliconix
Part # SI7454DP
Download  SI7454DP Download
File Size   369.35 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 100 V (D-S) MOSFET

SI7454DP Datasheet (PDF)

Go To PDF Page Download Datasheet
SI7454DP Datasheet PDF - Vishay Siliconix

Part # SI7454DP
Download  SI7454DP Click to download

File Size   369.35 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 100 V (D-S) MOSFET

SI7454DP Datasheet (HTML) - Vishay Siliconix


SI7454DP Product details

FEATURES
• TrenchFET® power MOSFETs
• New low thermal resistance PowerPAK®
package with low 1.07 mm profile
• PWM optimized for fast switching
• 100 % Rg tested
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912

APPLICATIONS
• Primary side switch for high density DC/DC
• Telecom / server 48 V, full- / half-bridge DC/DC
• Industrial and 42 V automotive




Similar Part No. - SI7454DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7454DP VISHAY-SI7454DP Datasheet
48Kb / 4P
N-Channel 100-V (D-S) MOSFET
14-May-01
SI7454DP VISHAY-SI7454DP Datasheet
196Kb / 4P
N-Channel 100-V (D-S) MOSFET
13-Feb-06
SI7454DP-T1-E3 VISHAY-SI7454DP-T1-E3 Datasheet
166Kb / 7P
N-Channel 100-V (D-S) MOSFET
09-Feb-09
SI7454DP-T1-E3 VISHAY-SI7454DP-T1-E3 Datasheet
370Kb / 12P
N-Channel 100 V (D-S) MOSFET
09-Feb-09
SI7454DP-T1-GE3 VISHAY-SI7454DP-T1-GE3 Datasheet
166Kb / 7P
N-Channel 100-V (D-S) MOSFET
09-Feb-09
More results


Similar Description - SI7454DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
N-Channel 100-V (D-S) MOSFET
25-Dec-01
logo
Guangdong Kexin Industr...
KI2328DS KEXIN-KI2328DS Datasheet
51Kb / 2P
N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4102DY VISHAY-SI4102DY Datasheet
209Kb / 4P
N-Channel 100-V (D-S) MOSFET
08-Oct-07
SI7454DP VISHAY-SI7454DP_06 Datasheet
196Kb / 4P
N-Channel 100-V (D-S) MOSFET
13-Feb-06
SI7456DDP VISHAY-SI7456DDP Datasheet
482Kb / 13P
N-Channel 100 V (D-S) MOSFET
21-May-12
logo
Analog Power
AM4490NE ANALOGPOWER-AM4490NE Datasheet
364Kb / 5P
N-Channel 100-V (D-S) MOSFET
AM90N10-23P ANALOGPOWER-AM90N10-23P Datasheet
129Kb / 3P
N-Channel 100-V (D-S) MOSFET
AM7412N ANALOGPOWER-AM7412N Datasheet
99Kb / 3P
N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4190DY-T1-GE3 VISHAY-SI4190DY-T1-GE3 Datasheet
271Kb / 10P
N-Channel 100 V (D-S) MOSFET
22-Nov-10
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
N-Channel 100 V (D-S) MOSFET
22-Nov-10
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com