Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS-6382567HM Datasheet (PDF) - Molex Electronics Ltd.

ATS-6382567HM Datasheet PDF - Molex Electronics Ltd.
Part # ATS-6382567HM
Download  ATS-6382567HM Download
File Size   462.6 Kbytes
Page   8 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Tool Kit for P-Lock Flag Female Terminal

ATS-6382567HM Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-6382567HM Datasheet PDF - Molex Electronics Ltd.

Part # ATS-6382567HM
Download  ATS-6382567HM Click to download

File Size   462.6 Kbytes
Page   8 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Tool Kit for P-Lock Flag Female Terminal

ATS-6382567HM Datasheet (HTML) - Molex Electronics Ltd.


ATS-6382567HM Product details

FEATURES
A full cycle ratcheting hand tool ensures complete crimps
Ergonomically designed soft handles
Precisely designed crimping profiles with simple contact positioning
Easy handling due to outstanding force ratio
Tool kits are easily installed into the Hand Crimp Tool or the 63816-0300 Power Crimp Head which is installed
into the 63816-0200 (110 V) or the 63816-0250 (220 V) Battery Powered Tool.
Many different Tool kits can be used with a single Battery Powered Tool.
This tool is IPC/WHMA-A-620 Class 2 and RoHS compliant.
Separate Punch set for 24 AWG wire and separate punch set for 2 x 24 AWG wires, one anvil set.




Similar Part No. - ATS-6382567HM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-6382560HM MOLEX-ATS-6382560HM Datasheet
543Kb / 8P
Hand Crimp Tool for CSP 6.3 Receptacle Terminal
04-26-13
ATS-6382562HM MOLEX-ATS-6382562HM Datasheet
530Kb / 6P
Tool Kit for CSP 6.3 Receptacle Terminal
10-21-13
ATS-638256300 MOLEX-ATS-638256300 Datasheet
1Mb / 8P
Crimp Hand Tool for Slip-On Wire-to-Wire Male Terminal
12-30-15
ATS-638256400 MOLEX-ATS-638256400 Datasheet
581Kb / 8P
Tool Kit for Slip-On Wire-to-Wire Terminal
07-02-12
ATS-638256600 MOLEX-ATS-638256600 Datasheet
464Kb / 8P
Tool Kit for P-Lock Flag Female Terminal
01-27-13
More results


Similar Description - ATS-6382567HM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638254900 MOLEX11-0638254900 Datasheet
32Kb / 1P
Tool Kit for MP-Lock Female Terminal
0638256600 MOLEX11-0638256600 Datasheet
32Kb / 1P
Tool Kit for P-Lock Flag Female Terminal
0638256700 MOLEX11-0638256700 Datasheet
32Kb / 1P
Hand Tool for P-Lock Flag Female Terminal
63825-6600 MOLEX-63825-6600 Datasheet
464Kb / 8P
Tool Kit for P-Lock Flag Female Terminal
01-27-13
63825-6700 MOLEX-63825-6700 Datasheet
462Kb / 8P
Tool Kit for P-Lock Flag Female Terminal
03-19-13
ATS-638254900 MOLEX-ATS-638254900 Datasheet
596Kb / 8P
Tool Kit for MP-Lock??Female Terminal
01-22-13
0638193200 MOLEX-0638193200 Datasheet
515Kb / 8P
Tool Kit for Quick Disconnect, Female, Flag Crimp Terminalss
10-04-10
ATS-6382355HM MOLEX-ATS-6382355HM Datasheet
1Mb / 9P
Tool Kit for 250 MP-Lock Terminal
03-09-11
ATS-6382548HM MOLEX-ATS-6382548HM Datasheet
589Kb / 8P
Tool Kit for MP-Lock??Female Terminal
07-23-12
ATS-638256600 MOLEX-ATS-638256600 Datasheet
464Kb / 8P
Tool Kit for P-Lock Flag Female Terminal
01-27-13
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com