Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS-2002180200 Datasheet (PDF) - Molex Electronics Ltd.

ATS-2002180200 Datasheet PDF - Molex Electronics Ltd.
Part # ATS-2002180200
Download  ATS-2002180200 Download
File Size   511.92 Kbytes
Page   7 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool For Mini-Fit™ TPA Male and Female Crimp Terminals

ATS-2002180200 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-2002180200 Datasheet PDF - Molex Electronics Ltd.

Part # ATS-2002180200
Download  ATS-2002180200 Click to download

File Size   511.92 Kbytes
Page   7 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool For Mini-Fit™ TPA Male and Female Crimp Terminals

ATS-2002180200 Datasheet (HTML) - Molex Electronics Ltd.


ATS-2002180200 Product details

FEATURES
A full-cycle ratcheting hand tool ensures complete crimps
Ergonomic soft grip handles for comfortable crimping
A precision user-friendly terminal locator holds terminals in the proper crimping position
Right or left-handed operation
Dies and Locator from this tool can be used in the Battery Powered Tool Order No.63816-0200 (110 V) or
63816-0250 (220 V), with the use of the 63816-0800 Crimp Head
This tool is IPC/WHMA A-620 Class 2 compliant
For 24 AWG crimps, use hand tool 200218-1200




Similar Part No. - ATS-2002180200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-2002180100 MOLEX-ATS-2002180100 Datasheet
844Kb / 7P
Hand Crimp Tool For Mini-Fit??TPA Male and Female Crimp Terminals
01-13-17
ATS-20021803HM MOLEX-ATS-20021803HM Datasheet
590Kb / 6P
Hand Crimp Tool for 1.25mm (.049) Pitch Wire-to-Board Crimp Terminals
01-27-17
ATS-2002180600 MOLEX-ATS-2002180600 Datasheet
861Kb / 4P
Hand Crimp Tool for Wire Ferrules
04-11-17
ATS-2002180700 MOLEX2-ATS-2002180700 Datasheet
876Kb / 4P
Hand Crimp Tool for Wire Ferrules
04-11-17
More results


Similar Description - ATS-2002180200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
200218-0200 MOLEX-200218-0200 Datasheet
511Kb / 7P
Hand Crimp Tool For Mini-Fit??TPA Male and Female Crimp Terminals
11-17-16
ATS-638190900 MOLEX-ATS-638190900 Datasheet
1Mb / 9P
Hand Crimp Tool For Mini-Fit??Jr. Male and Female Crimp Terminals
08-28-15
ATS-2002181200 MOLEX-ATS-2002181200 Datasheet
512Kb / 7P
Hand Crimp Tool For Mini-Fit??TPA Male and Female Crimp Terminals
11-17-16
63819-0901 MOLEX-63819-0901 Datasheet
1Mb / 9P
Hand Crimp Tool For Mini-Fit Jr. Male and Female Crimp Terminals
12-21-21
200218-2100 MOLEX-200218-2100 Datasheet
844Kb / 7P
Hand Crimp Tool For Mini-Fit??TPA Male and Female Crimp Terminals
01-13-17
200218-2200 MOLEX-200218-2200 Datasheet
1Mb / 8P
Hand Crimp Tool for Mini-Fit Jr. Male and Female Crimp Terminals
11-17-21
200218-2900 MOLEX-200218-2900 Datasheet
1Mb / 8P
Hand Crimp Tool for Mini-Fit TPA Male and Female Crimp Terminals
07-16-20
2002180100 MOLEX-2002180100 Datasheet
844Kb / 7P
Hand Crimp Tool For Mini-Fit??TPA Male and Female Crimp Terminals
01-13-17
2002181700 MOLEX-2002181700 Datasheet
1Mb / 8P
Hand Crimp Tool for Mini-Fit TPA Male and Female Crimp Terminals
07-16-20
2002182100 MOLEX-2002182100 Datasheet
844Kb / 7P
Hand Crimp Tool For Mini-Fit™ TPA Male and Female Crimp Terminals
01-13-17
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com