Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCWE Datasheet (PDF) - Vishay Siliconix

RCWE Datasheet PDF - Vishay Siliconix
Part # RCWE_V01
Download  RCWE Download
File Size   115.38 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thick Film Surface Mount Chip Resistors,Wraparound, Extremely Low Value (0.01 Ω to 0.976 Ω)

RCWE Datasheet (PDF)

Go To PDF Page Download Datasheet
RCWE Datasheet PDF - Vishay Siliconix

Part # RCWE_V01
Download  RCWE Click to download

File Size   115.38 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thick Film Surface Mount Chip Resistors,Wraparound, Extremely Low Value (0.01 Ω to 0.976 Ω)

RCWE Datasheet (HTML) - Vishay Siliconix


RCWE Product details

FEATURES
• Extremely low resistance values
(0.01 Ω to 0.976 Ω)
• Sulfur resistant
(per ASTM B809-95 humid vapor test)
• Enhanced power rating due to long side terminal
construction (0612, 1020 types)
• Suitable for current sensing and shunts
• Metal glaze on high quality ceramic
• Protective overglaze
• Lead (Pb)-free solder contacts on Ni barrier layer
• AEC-Q200 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - RCWE_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCWE0402 VISHAY-RCWE0402 Datasheet
85Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value (0.01 Ohm to 0.976 Ohm)
07-Mar-13
RCWE0402 VISHAY-RCWE0402 Datasheet
111Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value (0.01 Ohm to 0.976 Ohm)
18-Nov-13
RCWE0402 VISHAY-RCWE0402 Datasheet
86Kb / 4P
Thick Film Surface Mount Chip Resistors
18-Nov-13
RCWE0402 VISHAY-RCWE0402 Datasheet
93Kb / 4P
Thick Film Surface Mount Chip Resistors,
07-Oct-15
RCWE040210L0DKEA VISHAY-RCWE040210L0DKEA Datasheet
85Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value
07-Mar-13
More results


Similar Description - RCWE_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL VISHAY-WSL Datasheet
119Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
10-Nov-08
WSLS2512 VISHAY-WSLS2512 Datasheet
125Kb / 3P
Improved Stability (0.25 % and 0.5 %), Power Metal Strip® Resistors Low Value (0.01 Ω to 0.1 Ω), Surface Mount
06-Oct-08
L-NS VISHAY-L-NS Datasheet
130Kb / 3P
Low Value (0.03 Ω to 10 Ω) Thin Film Chip Resistors
31-Jul-08
RCWE0805R910FKEA VISHAY-RCWE0805R910FKEA Datasheet
85Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value (0.01 Ohm to 0.976 Ohm)
07-Mar-13
RCWE0603R330FKEA VISHAY-RCWE0603R330FKEA Datasheet
85Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value
07-Mar-13
RCWE1206R560FKEA VISHAY-RCWE1206R560FKEA Datasheet
111Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value (0.01 Ohm to 0.976 Ohm)
18-Nov-13
RCWH VISHAY-RCWH Datasheet
86Kb / 3P
Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value (0.01 ohm to 0.976 ohm)
21-Jul-16
RCWL VISHAY-RCWL Datasheet
90Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Low Value (0.1 Ω to 0.91 Ω)
21-Aug-2018
RCWL VISHAY-RCWL_V01 Datasheet
90Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Low Value (0.1 Ω to 0.91 Ω)
21-Aug-2018
WSLT2512 VISHAY-WSLT2512_V01 Datasheet
123Kb / 4P
Power Metal Strip® Resistors, High Temperature (275 °C), Low Value (Down to 0.01 Ω), Surface-Mount
04-Apr-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com