Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNPUE3 Datasheet (PDF) - Vishay Siliconix

TNPUE3 Datasheet PDF - Vishay Siliconix
Part # TNPUE3
Download  TNPUE3 Download
File Size   141.95 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultra Precision Thin Film Chip Resistors

TNPUE3 Datasheet (PDF)

Go To PDF Page Download Datasheet
TNPUE3 Datasheet PDF - Vishay Siliconix

Part # TNPUE3
Download  TNPUE3 Click to download

File Size   141.95 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultra Precision Thin Film Chip Resistors

TNPUE3 Datasheet (HTML) - Vishay Siliconix


TNPUE3 Product details

FEATURES
• Low temperature coefficients and tight
tolerances
• Advanced sulfur resistance verified
according to ASTM B 809
• Superior moisture resistivity (85 °C; 85 % RH)
• Excellent overall stability at different
environmental conditions, e.g. ≤ 0.05 % (1000 h rated
power at 70 °C)
• AEC-Q200 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Automotive
• Industrial equipment
• Test and measuring equipment
• Medical equipment
• Telecommunication
• Instrumentation




Similar Part No. - TNPUE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPUE3 VISHAY-TNPUE3 Datasheet
111Kb / 8P
Ultra Precision Thin Film Chip Resistors
28-Jan-15
TNPUE3 VISHAY-TNPUE3 Datasheet
146Kb / 9P
Ultra Precision Thin Film Chip Resistors
09-Jan-2020
TNPUE3 VISHAY-TNPUE3_V01 Datasheet
146Kb / 9P
Ultra Precision Thin Film Chip Resistors
09-Jan-2020
More results


Similar Description - TNPUE3

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
Precision Thin Film Chip Resistors
16-Jan-13
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
Thin Film Precision Chip Resistors
logo
List of Unclassifed Man...
RG2012P-2491-B-T5 ETC-RG2012P-2491-B-T5 Datasheet
14Mb / 2P
Metal thin film chip resistors (Ultra-precision)
logo
Vishay Siliconix
TNPUE3 VISHAY-TNPUE3 Datasheet
111Kb / 8P
Ultra Precision Thin Film Chip Resistors
28-Jan-15
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
Precision Thin Film Chip Resistors
logo
Vishay Siliconix
TNPU-E3 VISHAY-TNPU-E3 Datasheet
139Kb / 9P
Ultra Precision Thin Film Chip Resistors
01-Jul-16
TNPUE3 VISHAY-TNPUE3_V01 Datasheet
146Kb / 9P
Ultra Precision Thin Film Chip Resistors
09-Jan-2020
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
Precision Thin Film Chip Resistors
05-Oct-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com