Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSK1216 Datasheet (PDF) - Vishay Siliconix

WSK1216 Datasheet PDF - Vishay Siliconix
Part # WSK1216
Download  WSK1216 Download
File Size   167.63 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Strip® Resistors, Low Value, High Power, Surface-Mount, 4-Terminal

WSK1216 Datasheet (PDF)

Go To PDF Page Download Datasheet
WSK1216 Datasheet PDF - Vishay Siliconix

Part # WSK1216
Download  WSK1216 Click to download

File Size   167.63 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Strip® Resistors, Low Value, High Power, Surface-Mount, 4-Terminal

WSK1216 Datasheet (HTML) - Vishay Siliconix


WSK1216 Product details

FEATURES
• 4-terminal design allows for 1 % tolerance
down to 0.0002 Ω
• High power-to-footprint print size ratio
• All welded Power Metal Strip® construction is
ideal for all types of current sensing, voltage
division and pulse applications
• Proprietary processing technique produces
extremely low resistance values, down to
0.0002 Ω
• Sulfur resistance by construction that is
unaffected by high sulfur environments
• Solid metal manganese-copper and manganese-coppertin
alloy resistive element with low TCR (< 20 ppm/°C)
• Very low inductance < 1.5 nH
• Low thermal EMF (< 3 μV/°C)
• Maximum solder temperature up to 350 °C for 30 s
• AEC-Q200 qualified (1)
• PATENT(S): www.vishay.com/patents
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - WSK1216

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSK1216 VISHAY-WSK1216 Datasheet
122Kb / 4P
Power Metal Strip® Resistors, Low Value, High Power, Surface-Mount, 4-Terminal
13-Mar-17
More results


Similar Description - WSK1216

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL3637 VISHAY-WSL3637 Datasheet
159Kb / 2P
Power Metal Strip Resistors, Low Value, Surface Mount, 4-Terminal
11-Sep-04
WSL2726 VISHAY-WSL2726 Datasheet
130Kb / 3P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
27-Aug-08
WSL4026 VISHAY-WSL4026 Datasheet
141Kb / 3P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
31-Jul-08
WSL2726 VISHAY-WSL2726_11 Datasheet
104Kb / 3P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
07-Sep-11
WSL4026 VISHAY-WSL4026_11 Datasheet
107Kb / 3P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
07-Sep-11
WSL2726 VISHAY-WSL2726_15 Datasheet
98Kb / 4P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
11-May-15
WSL4026 VISHAY-WSL4026_15 Datasheet
100Kb / 4P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
11-May-15
WSK1216 VISHAY-WSK1216 Datasheet
122Kb / 4P
Power Metal Strip® Resistors, Low Value, High Power, Surface-Mount, 4-Terminal
13-Mar-17
WSL2726 VISHAY-WSL2726_V01 Datasheet
158Kb / 5P
Power Metal Strip® Resistors, Low Value, High Power, Surface-Mount, 4-Terminal
27-Jan-2022
WSL4026 VISHAY-WSL4026_V01 Datasheet
152Kb / 5P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
12-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com