Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSL2726 Datasheet (PDF) - Vishay Siliconix

WSL2726 Datasheet PDF - Vishay Siliconix
Part # WSL2726
Download  WSL2726 Download
File Size   158.34 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Strip® Resistors, Low Value, High Power, Surface-Mount, 4-Terminal

WSL2726 Datasheet (PDF)

Go To PDF Page Download Datasheet
WSL2726 Datasheet PDF - Vishay Siliconix

Part # WSL2726
Download  WSL2726 Click to download

File Size   158.34 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Strip® Resistors, Low Value, High Power, Surface-Mount, 4-Terminal

WSL2726 Datasheet (HTML) - Vishay Siliconix


WSL2726 Product details

FEATURES
• 4-terminal design allows for 1 % tolerance
down to 0.0002 Ω
• High power to foot print size ratio
• Ideal for all types of current sensing, voltage
division and pulse applications including
switching and linear power supplies,
instruments, power amplifiers and shunts
• All welded construction of the Power Metal
Strip® resistors are ideal for all types of current
sensing, voltage division and pulse
applications
• Proprietary processing technique produces extremely low
resistance values, down to 0.0002 Ω
• Sulfur resistance by construction that is unaffected by
high sulfur environments
• Solid metal nickel-chrome, manganese-copper-tin, or
manganese-copper alloy resistive element with low TCR
(< 20 ppm/°C)
• Very low inductance 0.5 nH to 5 nH
• Low thermal EMF (< 3 μV/°C)
• AEC-Q200 qualified (1)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - WSL2726

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL2726 VISHAY-WSL2726 Datasheet
130Kb / 3P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
27-Aug-08
WSL27262L000FEA VISHAY-WSL27262L000FEA Datasheet
130Kb / 3P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
27-Aug-08
WSL27262L000FEK VISHAY-WSL27262L000FEK Datasheet
130Kb / 3P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
27-Aug-08
WSL27263L000FEA VISHAY-WSL27263L000FEA Datasheet
130Kb / 3P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
27-Aug-08
WSL27263L000FEK VISHAY-WSL27263L000FEK Datasheet
130Kb / 3P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
27-Aug-08
More results


Similar Description - WSL2726

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL3637 VISHAY-WSL3637 Datasheet
159Kb / 2P
Power Metal Strip Resistors, Low Value, Surface Mount, 4-Terminal
11-Sep-04
WSL2726 VISHAY-WSL2726 Datasheet
130Kb / 3P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
27-Aug-08
WSL4026 VISHAY-WSL4026 Datasheet
141Kb / 3P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
31-Jul-08
WSL2726 VISHAY-WSL2726_11 Datasheet
104Kb / 3P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
07-Sep-11
WSL4026 VISHAY-WSL4026_11 Datasheet
107Kb / 3P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
07-Sep-11
WSL2726 VISHAY-WSL2726_15 Datasheet
98Kb / 4P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
11-May-15
WSL4026 VISHAY-WSL4026_15 Datasheet
100Kb / 4P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
11-May-15
WSK1216 VISHAY-WSK1216 Datasheet
122Kb / 4P
Power Metal Strip® Resistors, Low Value, High Power, Surface-Mount, 4-Terminal
13-Mar-17
WSK1216 VISHAY-WSK1216_V01 Datasheet
167Kb / 4P
Power Metal Strip® Resistors, Low Value, High Power, Surface-Mount, 4-Terminal
29-Apr-2022
WSL4026 VISHAY-WSL4026_V01 Datasheet
152Kb / 5P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
12-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com