Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

435 Datasheet (PDF) - Littelfuse

435 Datasheet PDF - Littelfuse
Part # 435
Download  435 Download
File Size   563.85 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 435 Series 0402 Fast-Acting Fuse

435 Datasheet (PDF)

Go To PDF Page Download Datasheet
435 Datasheet PDF - Littelfuse

Part # 435
Download  435 Click to download

File Size   563.85 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 435 Series 0402 Fast-Acting Fuse

435 Datasheet (HTML) - Littelfuse


435 Product details

Description
The 435 Series are fast-acting surface mount thin-film
fuses. Their ultra-small size (0402 size) makes them ideal for
secondary protection of circuits used in space constrained
applications such as hand-held portable electronic devices.
This series is 100% lead-free and meet the requirements of
the RoHS directive. New Halogen-Free 435 Series fuses are
available–to order use the “HF” suffix. See Part Numbering
section for additional information.

Features
• 50A interrupt rating at
32VDC
• Small size with current
ratings of 0.25 to 5.0
amperes
• RoHS compliant, Lead-
Free and Halogen-Free
• Enhanced Breaking
Capacity, High l2t
• Maximum protection of
sensitive circuits as fuses
are designed to open
consistently in <5sec at
200% overload.
• Recognized to UL/CSA/
NMX 248-1 and UL/CSA/
NMX 248-14




Similar Part No. - 435

ManufacturerPart #DatasheetDescription
logo
Littelfuse
435 LITTELFUSE-435 Datasheet
84Kb / 1P
Surface Mount Fuses - Thin-Film Surface Mount
logo
Oscilent Corporation
435 OSCILENT-435 Datasheet
169Kb / 2P
HCMOS Output
logo
Adafruit Industries
435 ADAFRUIT-435 Datasheet
72Kb / 2P
Passive PoE Injector Cable Set
logo
Keystone Electronics Co...
435 KEYSTONE-435 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Walther-Werke
435 WALTHER-435 Datasheet
437Kb / 4P
Channel installation sockets IP 44
More results


Similar Description - 435

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0435.250KRHFS LITTELFUSE-0435.250KRHFS Datasheet
663Kb / 3P
Surface Mount Fuses Thin Film > 0402 Size > Very Fast-Acting > 435 Series
0435.500KRHF LITTELFUSE-0435.500KRHF Datasheet
663Kb / 3P
Surface Mount Fuses Thin Film > 0402 Size > Very Fast-Acting > 435 Series
0435.750KR LITTELFUSE-0435.750KR Datasheet
663Kb / 3P
Surface Mount Fuses Thin Film > 0402 Size > Very Fast-Acting > 435 Series
0435.750KRHF LITTELFUSE-0435.750KRHF Datasheet
663Kb / 3P
Surface Mount Fuses Thin Film > 0402 Size > Very Fast-Acting > 435 Series
04351.25KR LITTELFUSE-04351.25KR Datasheet
663Kb / 3P
Surface Mount Fuses Thin Film > 0402 Size > Very Fast-Acting > 435 Series
043501.5KR LITTELFUSE-043501.5KR Datasheet
663Kb / 3P
Surface Mount Fuses Thin Film > 0402 Size > Very Fast-Acting > 435 Series
0435001.KR LITTELFUSE-0435001.KR Datasheet
663Kb / 3P
Surface Mount Fuses Thin Film > 0402 Size > Very Fast-Acting > 435 Series
0435001.KRHF LITTELFUSE-0435001.KRHF Datasheet
663Kb / 3P
Surface Mount Fuses Thin Film > 0402 Size > Very Fast-Acting > 435 Series
0435005.KR LITTELFUSE-0435005.KR Datasheet
663Kb / 3P
Surface Mount Fuses Thin Film > 0402 Size > Very Fast-Acting > 435 Series
0435005.KRHF LITTELFUSE-0435005.KRHF Datasheet
663Kb / 3P
0435005.KRHF Thin Film > 0402 Size > Very Fast-Acting > 435 Series
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com