Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S35710MA Datasheet (PDF) - ABLIC Inc.

S35710MA Datasheet PDF - ABLIC Inc.
Part # S35710MA
Download  S35710MA Download
File Size   665.35 Kbytes
Page   29 Pages
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.
Description AUTOMOTIVE, 125°C OPERATION, 2-WIRE TIMER WITH BUILT-IN QUARTZ CRYSTAL

S35710MA Datasheet (PDF)

Go To PDF Page Download Datasheet
S35710MA Datasheet PDF - ABLIC Inc.

Part # S35710MA
Download  S35710MA Click to download

File Size   665.35 Kbytes
Page   29 Pages
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.
Description AUTOMOTIVE, 125°C OPERATION, 2-WIRE TIMER WITH BUILT-IN QUARTZ CRYSTAL

S35710MA Datasheet (HTML) - ABLIC Inc.


S35710MA Product details

 Features
• Built-in 32.768 kHz quartz crystal
• Alarm interrupt function: Settable on the second time scale from 1 second to 194 days
(Approximately half a year)
• Low current consumption: 0.25 μA typ. (VDD = 3.0 V, Ta = +25°C)
• Wide range of operation voltage: 1.8 V to 5.5 V
• 2-wire (I2C-bus) CPU interface
• Operation temperature range: Ta = −40°C to +125°C
• Lead-free (Sn 100%), halogen-free
• AEC-Q100/Q200 qualified*1
*1. Contact our sales representatives for details.

 Application
• Time management of various systems during the sleep period




Similar Part No. - S35710MA

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S35710M SII-S35710M Datasheet
2Mb / 29P
FOR AUTOMOTIVE 125째C OPERATION 2-WIRE BUILT-IN QUARTZ CRYSTAL CONVENIENCE TIMER
More results


Similar Description - S35710MA

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6369 NJRC-NJU6369 Datasheet
55Kb / 6P
1.5V Operation Fundamental Quartz Crystal Oscillator
logo
Megawin Technology Co.,...
MG65L513A MEGAWIN-MG65L513A Datasheet
551Kb / 30P
Watchdog timer built-in
MG65L566A MEGAWIN-MG65L566A Datasheet
628Kb / 30P
Watchdog timer built-in
logo
Seiko Instruments Inc
S35710M SII-S35710M Datasheet
2Mb / 29P
FOR AUTOMOTIVE 125째C OPERATION 2-WIRE BUILT-IN QUARTZ CRYSTAL CONVENIENCE TIMER
S35740 SII-S35740 Datasheet
2Mb / 31P
FOR AUTOMOTIVE 125째C OPERATION 2-WIRE INTERVAL TIMER CONVENIENCE TIMER
S35770 SII-S35770 Datasheet
2Mb / 26P
FOR AUTOMOTIVE 125째C OPERATION 2-WIRE COUNTER CONVENIENCE TIMER
logo
ABLIC Inc.
S-19500 ABLIC-S-19500 Datasheet
692Kb / 47P
AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.5_00
S-19502 ABLIC-S-19502 Datasheet
787Kb / 54P
AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-35710M ABLIC-S-35710M Datasheet
655Kb / 29P
PROGRAMMABLE WAKE-UP TIMER IC WITH BUILT-IN QUARTZ CRYSTAL
Rev.1.1_00
logo
Rohm
BR24H64XXX-5AC ROHM-BR24H64XXX-5AC Datasheet
1Mb / 42P
125 °C Operation I2C BUS EEPROM for Automotive (2-Wire)
26.Jan.2023 Rev.003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com