Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV1S9261A Datasheet (PDF) - Renesas Technology Corp

RV1S9261A Datasheet PDF - Renesas Technology Corp
Part # RV1S9261A
Download  RV1S9261A Download
File Size   350.37 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 15 Mbps, HIGH CMTI, IPM DRIVER, 5-PIN SSOP WITH 8.2 mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER

RV1S9261A Datasheet (PDF)

Go To PDF Page Download Datasheet
RV1S9261A Datasheet PDF - Renesas Technology Corp

Part # RV1S9261A
Download  RV1S9261A Click to download

File Size   350.37 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 15 Mbps, HIGH CMTI, IPM DRIVER, 5-PIN SSOP WITH 8.2 mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER

RV1S9261A Datasheet (HTML) - Renesas Technology Corp


RV1S9261A Product details

FEATURES
• Small and long creepage (8.2 mm, LSSO5)
• High speed switching (15 Mbps)
• High common mode transient immunity (CMH, CML = ±100 kV/μs MIN.)
• Pulse width distortion (|tPHL − tPLH| = 20 ns MAX.)
• Wide operating power supply voltage range (VCC = 4.5 ~ 30 V)
• Operating ambient temperature (125 °C MAX.)
• High isolation voltage (BV = 5 000 Vr.m.s.)
• Embossed tape product:RV1S9261ACCSP-10Yx#KC0 : 3 500 pcs/reel
• Pb-Free product
• Safety standard
• UL :UL1577, Double protection
• CSA:CAN/CSA-C22.2 No.62368-1, Reinforced insulation
• VDE:DIN EN 60747-5-5 (Option)




Similar Part No. - RV1S9261A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RV1S9261A RENESAS-RV1S9261A Datasheet
486Kb / 17P
15 Mbps, HIGH CMTI, IPM DRIVER, 5-PIN SSOP WITH 8.2 mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
Sep. 03, 2025
RV1S9261ACCSP-10YC RENESAS-RV1S9261ACCSP-10YC Datasheet
486Kb / 17P
15 Mbps, HIGH CMTI, IPM DRIVER, 5-PIN SSOP WITH 8.2 mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
Sep. 03, 2025
RV1S9261ACCSP-10YC#KC0 RENESAS-RV1S9261ACCSP-10YC#KC0 Datasheet
486Kb / 17P
15 Mbps, HIGH CMTI, IPM DRIVER, 5-PIN SSOP WITH 8.2 mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
Sep. 03, 2025
RV1S9261ACCSP-10YC#SC0 RENESAS-RV1S9261ACCSP-10YC#SC0 Datasheet
486Kb / 17P
15 Mbps, HIGH CMTI, IPM DRIVER, 5-PIN SSOP WITH 8.2 mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
Sep. 03, 2025
RV1S9261ACCSP-10YV RENESAS-RV1S9261ACCSP-10YV Datasheet
486Kb / 17P
15 Mbps, HIGH CMTI, IPM DRIVER, 5-PIN SSOP WITH 8.2 mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
Sep. 03, 2025
More results


Similar Description - RV1S9261A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9214 CEL-PS9214 Datasheet
408Kb / 12P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
PS9214_V1 CEL-PS9214_V1 Datasheet
872Kb / 15P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
logo
Renesas Technology Corp
PS9013 RENESAS-PS9013 Datasheet
999Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
PS9001 RENESAS-PS9001 Datasheet
859Kb / 16P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (LSO5 WITH 8mm CREEPAGE DISTANCE) PHOTOCOUPLER
RV1S9061A RENESAS-RV1S9061A Datasheet
348Kb / 17P
15 Mbps, HIGH CMTI, IPM DRIVER, 5-PIN with 8 mm creepage distance package LSO5 PHOTOCOUPLER
May 09, 2022
RV1S9062A RENESAS-RV1S9062A Datasheet
304Kb / 17P
15 Mbps, HIGH CMTI, IPM DRIVER, 5-PIN with 8 mm creepage distance package LSO5 PHOTOCOUPLER
May 09, 2022
RV1S9161A RENESAS-RV1S9161A Datasheet
372Kb / 17P
15 Mbps, HIGH CMTI, IPM DRIVER, 5-PIN SOP PHOTOCOUPLER
May 09, 2022
RV1S9162A RENESAS-RV1S9162A Datasheet
371Kb / 17P
15 Mbps, HIGH CMTI, IPM DRIVER 5-PIN SOP PHOTOCOUPLER
May 09, 2022
RV1S9262A RENESAS-RV1S9262A Datasheet
349Kb / 17P
15 Mbps, HIGH CMTI, IPM DRIVER, 5-PIN SSOP WITH 8.2 mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
May 09, 2022
PS9214 RENESAS-PS9214 Datasheet
308Kb / 17P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
April 1st, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com