Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM35BA10 Datasheet (PDF) - Schneider Electric

RM35BA10 Datasheet PDF - Schneider Electric
Part # RM35BA10
Download  RM35BA10 Download
File Size   245.7 Kbytes
Page   7 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Harmony, Modular 3-phase and 1-phase pump control relay, 5 A, 1 CO, 208...480 V AC

RM35BA10 Datasheet (PDF)

Go To PDF Page Download Datasheet
RM35BA10 Datasheet PDF - Schneider Electric

Part # RM35BA10
Download  RM35BA10 Click to download

File Size   245.7 Kbytes
Page   7 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Harmony, Modular 3-phase and 1-phase pump control relay, 5 A, 1 CO, 208...480 V AC

RM35BA10 Datasheet (HTML) - Schneider Electric


RM35BA10 Product details

Main
Range of Product Harmony Control Relays
Product or Component Type
Pump control relay
Relay Type Pump control relays
Product Specific
Application
For 3-phase and single-phase pump
Relay name RM35BA
Relay monitored
parameters
Overcurrent and undercurrent control
Phase sequence on 3-phase supply
Phase failure on 3-phase supply
Time delay type Adjustable 1...60 s, +/- 10 % Ti on energisation
Fixed 0.3 s reset on terminal Y2
Adjustable 0.1...10 s, +/- 10 % Tt on crossing the
threshold
Switching capacity in VA
1250 VA
Minimum switching
current
10 mA 5 V DC
Maximum switching
current
5 A AC/DC
Maximum power
consumption in VA 5 VA AC
Measurement range 1...10 A AC
Utilisation category AC-12 IEC 60947-5-1
AC-13 IEC 60947-5-1
AC-14 IEC 60947-5-1
AC-15 IEC 60947-5-1
DC-12 IEC 60947-5-1
DC-13 IEC 60947-5-1




Similar Part No. - RM35BA10

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RM35BA10 SCHNEIDER-RM35BA10 Datasheet
252Kb / 7P
Harmony, Modular 3-phase and 1-phase pump control relay, 5 A, 1 CO, 208...480 V AC
Sep 13, 2021
More results


Similar Description - RM35BA10

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RM17TA00 SCHNEIDER-RM17TA00 Datasheet
141Kb / 6P
Harmony, Modular multifunction 3-phase supply control relay, 5 A, 1 CO, 208...480 V AC
Sep 13, 2021
RM17TG00 SCHNEIDER-RM17TG00 Datasheet
161Kb / 7P
Harmony, Modular 3-phase supply control relay, 5 A, 1 CO, 208...480 V AC
Sep 13, 2021
RM17TG20 SCHNEIDER-RM17TG20 Datasheet
167Kb / 7P
Harmony, Modular 3-phase supply control relay, 5 A, 2 CO, 208...440 V AC
Sep 13, 2021
RM17TT00 SCHNEIDER-RM17TT00 Datasheet
136Kb / 6P
Harmony, Modular multifunction 3-phase supply control relay, 5 A, 1 CO, 208...480 V AC
Sep 13, 2021
RM17UAS16 SCHNEIDER-RM17UAS16 Datasheet
178Kb / 7P
Harmony, Modular 1-phase voltage control relay, 5 A, 1 CO, 20??0 V AC/DC
Sep 13, 2021
RM17UB310 SCHNEIDER-RM17UB310 Datasheet
150Kb / 6P
Harmony, Modular 3-phase voltage control relay, 5 A, 1 CO, 208...480 V AC
Sep 13, 2021
RM17UBE15 SCHNEIDER-RM17UBE15 Datasheet
152Kb / 7P
Harmony, Modular 1-phase voltage control relay, 5 A, 1 CO, 65??60 V AC/DC
RM35BA10 SCHNEIDER-RM35BA10 Datasheet
252Kb / 7P
Harmony, Modular 3-phase and 1-phase pump control relay, 5 A, 1 CO, 208...480 V AC
Sep 13, 2021
RM17TG00 SCHNEIDER-RM17TG00_V01 Datasheet
158Kb / 6P
Harmony, Modular 3-phase supply control relay, 5 A, 1 CO, 208...480 V AC
Jan 11, 2022
RM17UBE16 SCHNEIDER-RM17UBE16_V01 Datasheet
146Kb / 6P
Harmony, Modular 1-phase voltage control relay, 5 A, 1 CO, 20…80 V AC/DC
Jan 12, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com