Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM35TF30SP01 Datasheet (PDF) - Schneider Electric

RM35TF30SP01 Datasheet PDF - Schneider Electric
Part # RM35TF30SP01
Download  RM35TF30SP01 Download
File Size   98.4 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description multifunction phase control relay

RM35TF30SP01 Datasheet (PDF)

Go To PDF Page Download Datasheet
RM35TF30SP01 Datasheet PDF - Schneider Electric

Part # RM35TF30SP01
Download  RM35TF30SP01 Click to download

File Size   98.4 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description multifunction phase control relay

RM35TF30SP01 Datasheet (HTML) - Schneider Electric


RM35TF30SP01 Product details

Main
Range of Product Zelio Control
Product or Component Type
Modular measurement and control relays
Relay Type Multifunction control relay
Product Specific Application
For 3-phase supply
Relay name RM35TF
Relay monitored
parameters
Phase sequence
Asymmetry
Undervoltage and overvoltage in window mode
Phase failure detection
Time delay Adjustable 0.1...10 s, +/- 10 % of the full scale value
Switching capacity in VA
1250 VA
Measurement range 194...528 V AC




Similar Part No. - RM35TF30SP01

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RM35TF30SP01 SCHNEIDER-RM35TF30SP01 Datasheet
97Kb / 3P
multifunction phase control relay
Aug 17, 2019
More results


Similar Description - RM35TF30SP01

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RM22TA33 SCHNEIDER-RM22TA33 Datasheet
75Kb / 3P
three-Phase Asymmetry control relay
Aug 11, 2020
RM22TG20 SCHNEIDER-RM22TG20 Datasheet
117Kb / 7P
three-Phase control relay
Aug 11, 2020
RM35TF30 SCHNEIDER-RM35TF30 Datasheet
133Kb / 6P
Multifunction phase control relay
Aug 11, 2020
RM4TG20 SCHNEIDER-RM4TG20 Datasheet
160Kb / 9P
three-phase network control relay
Aug 11, 2020
RM4TR32 SCHNEIDER-RM4TR32 Datasheet
165Kb / 9P
three-phase network control relay
Aug 11, 2020
RM17TU00 SCHNEIDER-RM17TU00 Datasheet
73Kb / 5P
multifunction control relay RM17-TU - range
7/9/2011
RM17TA00 SCHNEIDER-RM17TA00 Datasheet
141Kb / 6P
Harmony, Modular multifunction 3-phase supply control relay, 5 A, 1 CO, 208...480 V AC
Sep 13, 2021
RM17TT00 SCHNEIDER-RM17TT00 Datasheet
136Kb / 6P
Harmony, Modular multifunction 3-phase supply control relay, 5 A, 1 CO, 208...480 V AC
Sep 13, 2021
RM22TA31 SCHNEIDER-RM22TA31 Datasheet
160Kb / 8P
Harmony, Modular multifunction 3-phase supply control relay, 8 A, 2 CO, 200....240 V AC
Sep 13, 2021
RM35TF30SP01 SCHNEIDER-RM35TF30SP01 Datasheet
97Kb / 3P
multifunction phase control relay
Aug 17, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com