Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLP Datasheet (PDF) - Samtec, Inc

CLP Datasheet PDF - Samtec, Inc
Part # CLP
Download  CLP Download
File Size   252.22 Kbytes
Page   1 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description (1.27 mm) .050" PITCHCLP SERIES

CLP Datasheet (PDF)

Go To PDF Page Download Datasheet
CLP Datasheet PDF - Samtec, Inc

Part # CLP
Download  CLP Click to download

File Size   252.22 Kbytes
Page   1 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description (1.27 mm) .050" PITCHCLP SERIES

CLP Datasheet (HTML) - Samtec, Inc


CLP Product details

SPECIFICATIONS
Insulator Material:
Black Liquid Crystal Polymer
Contact Material:
Phosphor Bronze
Plating:
Sn or Au over
50 μ" (1.27 μm) Ni
Current Rating (CLP/FTSH):
3.4 A per pin
(2 pins powered)
Voltage Rating:
280 VAC/395 VDC
Operating Temp Range:
-55 °C to +125 °C
Insertion Depth:
Top Entry =
(1.40 mm) .055" minimum
Bottom Entry =
(2.41 mm) .095" minimum
plus board thickness
DH Entry =
(2.31 mm) .091"to (2.67 mm) .105"
Normal Force:
60 grams (0.59 N) average
Max Cycles:
100 with 10 μ" (0.25 μm) Au

PROCESSING
Lead-Free Solderable:
Yes
SMT Lead Coplanarity:
(0.10 mm) .004" max (02-35)
(0.15 mm) .006" max (36-50)*
*(.004" stencil solution
may be available; contact
ipg@samtec.com)




Similar Part No. - CLP

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CLP RALTRON-CLP Datasheet
57Kb / 3P
ULTRA HF CLOCK OSCILLATOR, LVDS, 3.3 VDC
logo
Visual Communications C...
CLP-125 VCC-CLP-125 Datasheet
135Kb / 1P
Polycarbonate
CLP-126 VCC-CLP-126 Datasheet
205Kb / 1P
Polycarbonate
CLP-127 VCC-CLP-127 Datasheet
97Kb / 1P
CLIPLITE CLP 127 MOUNT
CLP-129 VCC-CLP-129 Datasheet
162Kb / 1P
Polycarbonate
More results


Similar Description - CLP

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HPH1-A ADAM-TECH-HPH1-A Datasheet
211Kb / 1P
.050 PIN HEADERS .050 [1.27] CENTERLINE
HPH2-A ADAM-TECH-HPH2-A Datasheet
173Kb / 1P
.050 PIN HEADERS .050 [1.27] CENTERLINE
HPH2B100SGA ADAM-TECH-HPH2B100SGA Datasheet
164Kb / 1P
.050 PIN HEADERS .050 [1.27] CENTERLINE
HRS1A50GA ADAM-TECH-HRS1A50GA Datasheet
143Kb / 1P
.050 RECEPTACLE STRIPS .050 [1.27] CENTERLINE
HSH50G ADAM-TECH-HSH50G Datasheet
134Kb / 1P
.050 HEADER SET .050 X .050 [1.27 X 1.27] CENTERLINE
logo
Samtec, Inc
SFML-105-03-S-D-LC SAMTEC-SFML-105-03-S-D-LC Datasheet
604Kb / 2P
RUGGED TIGER EYE™ SYSTEMS (1.27 mm) .050" PITCH
SFC SAMTEC-SFC Datasheet
324Kb / 1P
(1.27 mm) .050
SFSS SAMTEC-SFSS Datasheet
658Kb / 2P
(1.27 mm) .050" PITCH • DISCRETE WIRE ASSEMBLY/COMPONENTS
SHF SAMTEC-SHF Datasheet
179Kb / 1P
SHROUDED AND EJECTOR IDC HEADER (1.27 mm) .050" PITCH
TFC-106-01-F-D-RA SAMTEC-TFC-106-01-F-D-RA Datasheet
324Kb / 1P
(1.27 mm) .050" PITCH • COST-EFFECTIVE HEADER/SOCKET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com