|
Description
The DIODES™ AP7361EA is a 1A, adjustable and fixed output
voltage, ultra-low dropout linear regulator with enable function. The
device includes pass elements, error amplifiers, band-gap references,
current limiting capability, and thermal shutdown circuitry. The device
is turned on when the EN pin is set to a logic-high level.
The characteristics of the low dropout voltage and low quiescent
current make it suitable for low- to medium-power applications such
as laptop computers, audio/video equipment, and battery-powered
devices. The typical quiescent current is approximately 68μA. Built-in
current-limiting and thermal-shutdown functions prevent the IC from
sustaining damage under fault conditions.
The AP7361EA is available in the U-DFN3030-8 (Type E), SOT89-5,
SOT223, TO252 (DPAK), and SO-8EP packages.
Features
Wide Input Voltage Range: 2.2V to 6.0V
Output Voltage Accuracy: ±1%
Very Low Dropout Voltage (3.3V): 360mV at 1A Typical
Low Quiescent Current (IQ): 68μA Typical
Adjustable Output Voltage Range: 0.8V to 5.0V
Fixed Output Options: 1.0V, 1.2V, 1.5V, 1.8V, 2.5V, 2.8V, 3.3V
High PSRR: 75dB @ 1kHz
Current Limit: 1.5A
Foldback Short-Circuit Protection: 400mA
Thermal Shutdown Protection
Stable with MLCC, E-Cap, Tan-Cap, or Solid Capacitor 2.2μF
Ambient Temperature Range: -40°C to +85°C
Available in “Green” Molding Compound (No Br, Sb)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
Applications
LCD TVs and monitors
Set-top boxes
Home electrical appliances
|