Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

710608 Datasheet (PDF) - PCTEL, Inc.

710608 Datasheet PDF - PCTEL, Inc.
Part # 710608
Download  710608 Download
File Size   209.56 Kbytes
Page   3 Pages
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.
Description 2/3/4/5G and WIFI 2x MIMO

710608 Datasheet (PDF)

Go To PDF Page Download Datasheet
710608 Datasheet PDF - PCTEL, Inc.

Part # 710608
Download  710608 Click to download

File Size   209.56 Kbytes
Page   3 Pages
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.
Description 2/3/4/5G and WIFI 2x MIMO

710608 Datasheet (HTML) - PCTEL, Inc.


710608 Product details

▪ 3 in 1 antenna
▪ Cellular: 698-960MHz, 1710-2690MHz, 3400-3800MHz
▪ 2x MIMO for WiFi 2/5GHz
▪ Discreet design with center screw installation
▪ IP6K9K class and DC short
▪ Verified according to VW test requirements
▪ M2M, Smart metering, Internet on board, EV-charging
stations




Similar Part No. - 710608

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
710608 PCTEL-710608 Datasheet
2Mb / 5P
Smarteq™ AllDisc Combi MIMO WiFi-7, GNSS Antenna Platform
710608 PCTEL-710608 Datasheet
291Kb / 4P
AllDisc Combi Antenna 4 in 1: MIMO LTE / 5G, WiFi 6E, GNSS
More results


Similar Description - 710608

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MB200C TAOGLAS-MB200C Datasheet
603Kb / 12P
Magneto 3 Way Base Mount for LTE or WIFI MIMO 2*2 antennas
MA9908.A.001 TAOGLAS-MA9908.A.001 Datasheet
5Mb / 73P
GuardianX 1M 8in1 1*Active GNSS 4*LTE MIMO 3*WiFi MIMO
logo
TE Connectivity Ltd
1-1773963-2 TEC-1-1773963-2 Datasheet
1Mb / 2P
CEILING MOUNTED MIMO WIFI ANTENNA
logo
Qorvo, Inc
QM28017 QORVO-QM28017 Datasheet
2Mb / 21P
GNSS, MHB and UHB/5G WiFi Antennaplexer
QM28007 QORVO-QM28007 Datasheet
1Mb / 18P
GNSS, 2.4G WiFi, and 5G WiFi6E Antennaplexer
logo
Maxtena Inc.
NETZ4IN1 MAXTENA-NETZ4IN1 Datasheet
1,006Kb / 4P
CELLULAR/LTE/MIMO/WIFI ANTENNA
REV A
NETZ5IN1 MAXTENA-NETZ5IN1 Datasheet
2Mb / 5P
LTE-MIMO/WIFI-MIMO/GNSS
REV A
logo
PCTEL, Inc.
GLHPDLTEMIMO-LT PCTEL-GLHPDLTEMIMO-LT Datasheet
472Kb / 5P
Combination Antenna - GNSS, 5G Cellular and WiFi
2021
logo
Suzhou Maswell Communic...
AN_MASTER_001-2 MASWELL-AN_MASTER_001-2 Datasheet
1Mb / 14P
Maswell 5G/4G/WiFi MIMO Panel Antenna 600 8 000MHz
logo
Raltron Electronics Cor...
RDM-MBJ3-110053-1M-X-001 RALTRON-RDM-MBJ3-110053-1M-X-001 Datasheet
376Kb / 2P
WIFI MIMO ANTENNA
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com