Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWF13N65D Datasheet (PDF) - Xian Semipower Electronic Technology Co., Ltd.

SWF13N65D Datasheet PDF - Xian Semipower Electronic Technology Co., Ltd.
Part # SWF13N65D
Download  SWF13N65D Download
File Size   824.73 Kbytes
Page   6 Pages
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.
Description N-channel Enhanced mode TO-220FMOSFET

SWF13N65D Datasheet (PDF)

Go To PDF Page Download Datasheet
SWF13N65D Datasheet PDF - Xian Semipower Electronic Technology Co., Ltd.

Part # SWF13N65D
Download  SWF13N65D Click to download

File Size   824.73 Kbytes
Page   6 Pages
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.
Description N-channel Enhanced mode TO-220FMOSFET

SWF13N65D Datasheet (HTML) - Xian Semipower Electronic Technology Co., Ltd.


SWF13N65D Product details

Features

High ruggedness

Low RDS(ON)(Typ 0.6Ω)@VGS=10V

Low Gate Charge (Typ54nC)

Improved dv/dt Capability

100% Avalanche Tested

Application: LED, Charger, PC Power




Similar Part No. - SWF13N65D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SWF13N50 SEMIPOWER-SWF13N50 Datasheet
704Kb / 7P
N-channel MOSFET
More results


Similar Description - SWF13N65D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW10N70D SEMIPOWER-SW10N70D Datasheet
659Kb / 6P
N-channel Enhanced mode TO-262 MOSFET
SW038R04VT SEMIPOWER-SW038R04VT Datasheet
568Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW2N65D SEMIPOWER-SW2N65D Datasheet
649Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
SW5N65K SEMIPOWER-SW5N65K Datasheet
836Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW6N60K SEMIPOWER-SW6N60K Datasheet
618Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
SW18N60D SEMIPOWER-SW18N60D Datasheet
651Kb / 6P
N-channel Enhanced mode TO-220F MOSFET
SW20N70K SEMIPOWER-SW20N70K Datasheet
703Kb / 1P
N-channel Enhanced mode TO-220FMOSFET
SW6N70A SEMIPOWER-SW6N70A Datasheet
593Kb / 6P
N-channel Enhanced mode TO-251MOSFET
SW6N70D SEMIPOWER-SW6N70D Datasheet
630Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
SW8N65A1 SEMIPOWER-SW8N65A1 Datasheet
551Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com