Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA7489ASR Datasheet (PDF) - Qorvo, Inc

QPA7489ASR Datasheet PDF - Qorvo, Inc
Part # QPA7489ASR
Download  QPA7489ASR Download
File Size   646.78 Kbytes
Page   7 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description DC – 3500 MHz Cascadable SiGe HBT Amplifier

QPA7489ASR Datasheet (PDF)

Go To PDF Page Download Datasheet
QPA7489ASR Datasheet PDF - Qorvo, Inc

Part # QPA7489ASR
Download  QPA7489ASR Click to download

File Size   646.78 Kbytes
Page   7 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description DC – 3500 MHz Cascadable SiGe HBT Amplifier

QPA7489ASR Datasheet (HTML) - Qorvo, Inc


QPA7489ASR Product details

Key Features
• DC to 3500 MHz Operation
• Single Positive Voltage Supply
• Cascadable 50 Ω
• Gain: 17.7 dB at 1950 MHz
• Output IP3: +37.7 dBm typical at 850 MHz
• Noise Figure: 3.2 dB Typical at 1950 MHz
• Low Thermal Resistance SOT-89 Package
• Lead-free / RoHS-Compliant




Similar Part No. - QPA7489ASR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
QPA7489ASR RFMD-QPA7489ASR Datasheet
639Kb / 9P
CASCADABLE SiGe HBT MMIC AMPLIFIER
More results


Similar Description - QPA7489ASR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-4263 ETC-SGA-4263 Datasheet
259Kb / 4P
DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
Stanford Microdevices
SGA-4463 STANFORD-SGA-4463 Datasheet
406Kb / 5P
DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-4263 SIRENZA-SGA-4263 Datasheet
253Kb / 5P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4463 SIRENZA-SGA-4463 Datasheet
252Kb / 5P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5486 SIRENZA-SGA-5486 Datasheet
89Kb / 4P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6489 SIRENZA-SGA-6489 Datasheet
95Kb / 4P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6589 SIRENZA-SGA-6589 Datasheet
90Kb / 4P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
Qorvo, Inc
QPA4563A QORVO-QPA4563A Datasheet
784Kb / 7P
DC ??3500 MHz Cascadable SiGe HBT Amplifier
QPA4463A QORVO-QPA4463A Datasheet
865Kb / 7P
DC ??3500 MHz Cascadable SiGe HBT Amplifier
October 27, 2017
QPA4263A QORVO-QPA4263A Datasheet
889Kb / 7P
DC – 3500 MHz Cascadable SiGe HBT Amplifier
Sept. 26, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com