Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N24RF16E Datasheet (PDF) - ON Semiconductor

N24RF16E Datasheet PDF - ON Semiconductor
Part # N24RF16E
Download  N24RF16E Download
File Size   405.02 Kbytes
Page   25 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RFID 16 Kb EEPROM Tag ISO 15693 RF, I2C Bus, Energy Harvesting

N24RF16E Datasheet (PDF)

Go To PDF Page Download Datasheet
N24RF16E Datasheet PDF - ON Semiconductor

Part # N24RF16E
Download  N24RF16E Click to download

File Size   405.02 Kbytes
Page   25 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RFID 16 Kb EEPROM Tag ISO 15693 RF, I2C Bus, Energy Harvesting

N24RF16E Datasheet (HTML) - ON Semiconductor


N24RF16E Product details

Description
The N24RF16E is a RFID/NFC tag with a 16 Kb EEPROM device,
offering both contactless and contact interface. In addition to the
ISO/IEC 15693 radio frequency identification (RFID) interface
protocol, the device features an I2C interface to communicate with
a microcontroller. The I2C contact interface requires an external
power supply.
The 16 Kb EEPROM array is internally organized as 512 x 32 bits in
RF mode and as 2048 x 8 bits when accessed from the I2C interface.

Features
• Contactless Transmission of Data
• ISO 15693 / ISO 18000−3 Mode1 Compliant
♦ Vicinity Range Communication (up to 150 cm)
♦ Air Interface Communication at 13.56 MHz (HF)
♦ To Tag: ASK Modulation with 1.65 Kbit/s or 26.48 Kbit/s Data
Rate
♦ From Tag: Load Modulation Using Manchester Coding with
423 kHz and 484 kHz Subcarriers in Low (6.6 Kbit/s) or High
(26 Kbit/s) Data Rate Mode. Supports the 53 Kbit/s Data Rate
with Fast Commands
• Read & Write 32−bit Block Mode
• Anti−collision Support
• Security:
♦ 64−bit Unique Identifier (UID)
♦ Multiple 32−bit Passwords and Lock Feature for Each User
Memory Sector
• Supports Fast (400 kHz) and Fast−Plus (1 MHz) I2C Protocol
• 1.8 V to 5.5 V Supply Voltage Range
• 4−Byte Page Write Buffer
• I2C Timeout
• Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs
(SCL and SDA)
• 512 Blocks x 32 Bits (16 Sectors of 32 Blocks Each): RF Mode
• 2048 x 8 Bits I2C Mode
• 2,000,000 Program/Erase Cycles
• 200 Year Data Retention
• −40C to +105C Temperature Range
• Configurable Output Pin: RF Write in Progress or RF Busy
• Energy Harvesting Analog Output
• SOIC, TSSOP 8−lead Packages
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant*




Similar Part No. - N24RF16E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N24RF16 ONSEMI-N24RF16 Datasheet
222Kb / 21P
Dual Interface RFID
June, 2018 ??Rev. 0
N24RF16DTPT3G ONSEMI-N24RF16DTPT3G Datasheet
222Kb / 21P
Dual Interface RFID
June, 2018 ??Rev. 0
N24RF16DWPT3G ONSEMI-N24RF16DWPT3G Datasheet
222Kb / 21P
Dual Interface RFID
June, 2018 ??Rev. 0
More results


Similar Description - N24RF16E

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC16 CATALYST-CAT24FC16 Datasheet
419Kb / 11P
16-kb I2C Serial EEPROM
CAT24FC17 CATALYST-CAT24FC17 Datasheet
452Kb / 10P
16-kb I2C Serial EEPROM
CAT24FC16 CATALYST-CAT24FC16_05 Datasheet
595Kb / 11P
16-kb I2C Serial EEPROM
logo
STMicroelectronics
M24LR04E-R STMICROELECTRONICS-M24LR04E-R Datasheet
1Mb / 142P
4-Kbit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
12-Jun-2012
M24LR16E-R STMICROELECTRONICS-M24LR16E-R Datasheet
1Mb / 143P
16-bit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
12-Jun-2012
M24LR64E-R STMICROELECTRONICS-M24LR64E-R Datasheet
1Mb / 140P
64-Kbit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
19-Jun-2012
M24LR64-RDW6T-2 STMICROELECTRONICS-M24LR64-RDW6T-2 Datasheet
3Mb / 121P
Dynamic NFC/RFID tag IC with 64-Kbit EEPROM with I²C bus and ISO 15693 RF interface
13-Jun-2013
logo
ON Semiconductor
CAT24AA16 ONSEMI-CAT24AA16_18 Datasheet
211Kb / 11P
EEPROM Serial 16-Kb I2C
May, 2018 ??Rev. 2
N24RF04E ONSEMI-N24RF04E Datasheet
403Kb / 25P
RFID 4 Kb EEPROM Tag ISO 15693 RF, I2C Bus, Energy Harvesting
N24RF64E ONSEMI-N24RF64E Datasheet
405Kb / 25P
RFID 64 Kb EEPROM Tag ISO 15693 RF, I2C Bus, Energy Harvesting
November, 2018 - Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com