Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCL31000 Datasheet (PDF) - ON Semiconductor

NCL31000 Datasheet PDF - ON Semiconductor
Part # NCL31000
Download  NCL31000 Download
File Size   1449.64 Kbytes
Page   44 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Complete Connected LED Driver Power Solution

NCL31000 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCL31000 Datasheet PDF - ON Semiconductor

Part # NCL31000
Download  NCL31000 Click to download

File Size   1449.64 Kbytes
Page   44 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Complete Connected LED Driver Power Solution

NCL31000 Datasheet (HTML) - ON Semiconductor


NCL31000 Product details

Description
The NCL31000 is a new member of the ON Semiconductor LED
driver family specifically targeting luminaire applications. NCL31000
incorporates a high efficient buck LED driver. The LED driver
supports both high−bandwidth analog dimming and PWM dimming
down to zero current. NCL31000 includes an integrated fixed 3V3
DC−DC and one adjustable DC−DC. A diagnostics block incorporates
an ADC, which measures input and LED output currents, voltages,
LED temperature, DC/DC voltages and currents. Fast safety
mechanisms protect the critical blocks of the chip. The diagnostic
measurements are available together with a flexible status reporting
and interrupt mechanism. NCL31001 is the same as NCL31000 except
that it does not include both DC−DC converters. The combination of
NCL31000 and NCL31001 is ideal for dual channel solutions.

Features
• Wide Input Voltage Range: 21.5 V to 57 V
• Proprietary 100 W+ Applications
• Integrated 3.3 V Buck Convertor (Only for NCL31000)
• Integrated Adjustable Buck Convertor 2.5 − 24 V (Only for
NCL31000)
• Integrated High Efficiency Buck LED Driver
• Adjustable Switching Frequency 44.4 kHz to 1 MHz
• Deep Dimming to Zero with Accuracy of 0.1% Using Internal
Precision 2.4 V Reference
• Best in Class Linearity
• High Modulation Bandwidth (~50 kHz)
♦ Visual Light Communication Capable
♦ Yellow−Dot Compliant
• Internal DIM DAC for Independent LED Control During
Micro−controller Re−flashing (Warm Boot)
• Low EMI Reference Design
• I2C/SPI Interface (I/S Suffix)
• High Accuracy Diagnostic Functions to Measure Voltages/Currents
• Protection against LED Shorts & Opens
• LED Over/Under Voltage & Over Current Protection
• Chip Over Current Protection
• Chip & LED Over Temperature Protection
• Junction Temperature Range of −40°C to +125°C
• Available in 48−pin QFN 7x7
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - NCL31000

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL31010 ONSEMI-NCL31010 Datasheet
917Kb / 48P
Complete PoE Connected LED Driver Power Solution, IEEE 802.3bt
January, 2022 - Rev. 0
NCL31010MNITWG ONSEMI-NCL31010MNITWG Datasheet
917Kb / 48P
Complete PoE Connected LED Driver Power Solution, IEEE 802.3bt
January, 2022 - Rev. 0
NCL31010MNSTWG ONSEMI-NCL31010MNSTWG Datasheet
917Kb / 48P
Complete PoE Connected LED Driver Power Solution, IEEE 802.3bt
January, 2022 - Rev. 0
More results


Similar Description - NCL31000

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
KX-TDA5 PANASONIC-KX-TDA5 Datasheet
2Mb / 12P
A complete communications solution
logo
Semtech Corporation
SC2616 SEMTECH-SC2616 Datasheet
414Kb / 17P
Complete DDR Power Solution
logo
Zoran Corporation
IPS-ZX ZORAN-IPS-ZX Datasheet
77Kb / 2P
Complete Raster Solution
logo
Sipex Corporation
SP7680 SIPEX-SP7680 Datasheet
450Kb / 16P
Complete Backlight Solution
logo
Semtech Corporation
SC2615 SEMTECH-SC2615 Datasheet
216Kb / 13P
Complete DDR Power Solution
SC2616 SEMTECH-SC2616_03 Datasheet
325Kb / 16P
Complete DDR Power Solution
logo
Maxim Integrated Produc...
MAX14851 MAXIM-MAX14851 Datasheet
949Kb / 19P
Complete Digital Isolation Solution
Rev 0; 6/17
logo
Texas Instruments
TPS65295 TI1-TPS65295 Datasheet
1Mb / 39P
complete DDR4 memory power solution
logo
List of Unclassifed Man...
GS8208 ETC1-GS8208 Datasheet
1Mb / 12P
3 channel series connected LED driver
logo
ON Semiconductor
NCL31010 ONSEMI-NCL31010 Datasheet
917Kb / 48P
Complete PoE Connected LED Driver Power Solution, IEEE 802.3bt
January, 2022 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com