Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS3257A/D Datasheet (PDF) - ON Semiconductor

NLAS3257A/D Datasheet PDF - ON Semiconductor
Part # NLAS3257A/D
Download  NLAS3257A/D Download
File Size   190.84 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Mux / Demux Analog Switch

NLAS3257A/D Datasheet (PDF)

Go To PDF Page Download Datasheet
NLAS3257A/D Datasheet PDF - ON Semiconductor

Part # NLAS3257A/D
Download  NLAS3257A/D Click to download

File Size   190.84 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Mux / Demux Analog Switch

NLAS3257A/D Datasheet (HTML) - ON Semiconductor


NLAS3257A/D Product details

The NLAS3257A Mux / Demux Analog Switch is an advanced
high−speed single pole double throw (SPDT) analog switch in
ultra−small footprint.

Features
• High Speed: tPD = 0.25 ns (Max) @ VCC = 4.5 V
• RON: 7.5 , Typ @ VCC = 4.2 V
• CON: 7.5 pF, Typ @ VCC = 3.3 V
• VCC Range: 1.65 V to 4.5 V
• Ultra−Small 1 x 1 mm Package
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant

Typical Applications
• Mobile Phones, PDAs, Camera




Similar Part No. - NLAS3257A/D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS3257 ONSEMI-NLAS3257 Datasheet
73Kb / 7P
Mux / Demux Analog Switch
December, 2015 ??Rev. 1
NLAS3257CMX2TCG ONSEMI-NLAS3257CMX2TCG Datasheet
73Kb / 7P
Mux / Demux Analog Switch
December, 2015 ??Rev. 1
NLAS3257CMX2TCG ONSEMI-NLAS3257CMX2TCG Datasheet
130Kb / 7P
Low Voltage SPDT Mux / Demux Analog Switch
May, 2018 ??Rev. 3
NLAS3257CMX3TCG ONSEMI-NLAS3257CMX3TCG Datasheet
130Kb / 7P
Low Voltage SPDT Mux / Demux Analog Switch
September, 2016 ??Rev. 2
NLAS3257CMX3TCG ONSEMI-NLAS3257CMX3TCG Datasheet
130Kb / 7P
Low Voltage SPDT Mux / Demux Analog Switch
May, 2018 ??Rev. 3
More results


Similar Description - NLAS3257A/D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS1053 ONSEMI-NLAS1053 Datasheet
123Kb / 12P
2:1 Mux/Demux Analog Switches
February, 2002 ??Rev. 0
NLAS1053 ONSEMI-NLAS1053_06 Datasheet
121Kb / 10P
2:1 Mux/Demux Analog Switches
May, 2006 ??Rev. 2
logo
Analog Devices
AD8153 AD-AD8153_15 Datasheet
1Mb / 24P
Single Buffered Mux/Demux Switch
REV. 0
logo
ON Semiconductor
NLAS3157 ONSEMI-NLAS3157 Datasheet
124Kb / 6P
Low Voltage SPDT Mux Demux Analog Switch
November, 2015 ??Rev. P2
7SB3257 ONSEMI-7SB3257 Datasheet
112Kb / 12P
Mux / Demux Bus Switch
September, 2014 ??Rev. 4
NL7SB3257 ONSEMI-NL7SB3257 Datasheet
62Kb / 5P
Mux / Demux Bus Switch
July, 2014 ??Rev. P0
NLAS3257 ONSEMI-NLAS3257 Datasheet
73Kb / 7P
Mux / Demux Analog Switch
December, 2015 ??Rev. 1
logo
Pericom Semiconductor C...
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
logo
ON Semiconductor
NLAS3157 ONSEMI-NLAS3157_16 Datasheet
130Kb / 7P
Low Voltage SPDT Mux / Demux Analog Switch
September, 2016 ??Rev. 2
NLAS3157 ONSEMI-NLAS3157_18 Datasheet
130Kb / 7P
Low Voltage SPDT Mux / Demux Analog Switch
May, 2018 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com