Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NV25010MUW Datasheet (PDF) - ON Semiconductor

NV25010MUW Datasheet PDF - ON Semiconductor
Part # NV25010MUW
Download  NV25010MUW Download
File Size   233.25 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description EEPROM Serial 1/2/4-Kb SPI Automotive Grade 1 in Wettable Flank UDFN8 Package

NV25010MUW Datasheet (PDF)

Go To PDF Page Download Datasheet
NV25010MUW Datasheet PDF - ON Semiconductor

Part # NV25010MUW
Download  NV25010MUW Click to download

File Size   233.25 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description EEPROM Serial 1/2/4-Kb SPI Automotive Grade 1 in Wettable Flank UDFN8 Package

NV25010MUW Datasheet (HTML) - ON Semiconductor


NV25010MUW Product details

Description
The NV25010/20/40 are a EEPROM Serial 1/2/4−Kb SPI
Automotive Grade 1 devices internally organized as
128x8/256x8/512x8 bits. They feature a 16−byte page write buffer and
support the Serial Peripheral Interface (SPI) protocol. The device is
enabled through a Chip Select (CS) input. In addition, the required bus
signals are a clock input (SCK), data input (SI) and data output (SO)
lines. The HOLD input may be used to pause any serial
communication with the NV25010/20/40 device. These devices
feature software and hardware write protection, including partial as
well as full array protection.

Features
• Automotive AEC−Q100 Grade 1 (−40°C to +125°C) Qualified
• 10 MHz SPI Compatible
• 1.8 V to 5.5 V Supply Voltage Range
• SPI Modes (0,0) & (1,1)
• 16−byte Page Write Buffer
• Self−timed Write Cycle
• Hardware and Software Protection
• Block Write Protection
− Protect 1/4, 1/2 or Entire EEPROM Array
• Low Power CMOS Technology
• 1,000,000 Program/Erase Cycles
• 100 Year Data Retention
• Wettable Flank UDFN 8−pad Package
• These Devices are Pb−Free, Halogen Free/BFR Free, and RoHS
Compliant




Similar Part No. - NV25010MUW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NV25010MUW3VLT3G ONSEMI-NV25010MUW3VLT3G Datasheet
312Kb / 14P
EEPROM Serial 1/2/4-Kb SPI Low Voltage Automotive Grade 1
March, 2019 - Rev. 2
NV25010MUW3VTBG ONSEMI-NV25010MUW3VTBG Datasheet
191Kb / 12P
EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
More results


Similar Description - NV25010MUW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NV24C256MUW ONSEMI-NV24C256MUW Datasheet
237Kb / 11P
EEPROM Serial 256-Kb I2C - Automotive Grade 1 in Wettable Flank UDFN Package
July, 2020 - Rev. 3
NV24C512MUW ONSEMI-NV24C512MUW Datasheet
232Kb / 11P
EEPROM Serial 512-Kb I2C -Automotive Grade 1 in Wettable Flank UDFN Package
July, 2020 - Rev. 3
NV24C64MUW ONSEMI-NV24C64MUW Datasheet
229Kb / 10P
EEPROM Serial 64-Kb I2C Automotive Grade 1 in Wettable Flank UDFN8 Package
July, 2020 - Rev. 3
NV24M01MUW ONSEMI-NV24M01MUW Datasheet
235Kb / 11P
EEPROM Serial 1-Mb I2C - Automotive Grade 1 in Wettable Flank UDFN8 Package
April, 2021 - Rev. 5
NV25080MUW ONSEMI-NV25080MUW Datasheet
284Kb / 14P
EEPROM Serial 8/16-Kb SPI - Automotive Grade 1 in Wettable Flank UDFN8 Package
July, 2020 - Rev. 4
NV25128MUW ONSEMI-NV25128MUW Datasheet
250Kb / 12P
EEPROM Serial 128-Kb SPI Automotive Grade 1 in Wettable Flank UDFN8 Package
July, 2020 - Rev. 3
NV25256MUW ONSEMI-NV25256MUW Datasheet
250Kb / 12P
EEPROM Serial 256-Kb SPI Automotive Grade 1 in Wettable Flank UDFN8 Package
July, 2020 - Rev. 2
NV25320MUW ONSEMI-NV25320MUW Datasheet
237Kb / 12P
EEPROM Serial 32-Kb SPI Automotive Grade 1 in Wettable Flank UDFN-8 Package
July, 2020 - Rev. 3
NV25640MUW ONSEMI-NV25640MUW Datasheet
236Kb / 12P
EEPROM Serial 64-Kb SPI Automotive Grade 1 in Wettable Flank UDFN-8 Package
July, 2020 - Rev. 3
NV24C128MUW ONSEMI-NV24C128MUW Datasheet
224Kb / 11P
EEPROM Serial 128-Kb I2C Automotive Grade 1 in Wettable Flank UDFN Package
July, 2020 - Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com