Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBU103 Datasheet (PDF) - Minmax Technology Co., Ltd.

MBU103 Datasheet PDF - Minmax Technology Co., Ltd.
Part # MBU103
Download  MBU103 Download
File Size   227.86 Kbytes
Page   6 Pages
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.
Description 1W, Ultra Miniature SIP, Single Output DC/DC Converter

MBU103 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBU103 Datasheet PDF - Minmax Technology Co., Ltd.

Part # MBU103
Download  MBU103 Click to download

File Size   227.86 Kbytes
Page   6 Pages
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.
Description 1W, Ultra Miniature SIP, Single Output DC/DC Converter

MBU103 Datasheet (HTML) - Minmax Technology Co., Ltd.


MBU103 Product details

PRODUCT OVERVIEW
The MINMAX MBU100 series is a range of 1W DC/DC converters in a miniature SIP Package featuring I/O-isolation of 1000VDC.
A high efficiency allows an operating temperature range of –40°C to +85°C.
These converters offer an economical solution for many space critical applications where a voltage has to be isolated i.e for noise reduction, ground loop elimination, digital interfaces or for board level power distribution.

FEATURES
► Industrial Standard SIP-4 Package
► I/O Isolation 1000 VDC
► Operating Ambient Temp. Range -40℃ to +85℃




Similar Part No. - MBU103

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MBU103 TOTAL-POWER-MBU103 Datasheet
138Kb / 4P
MBU100 SERIES 1WATT ULTRA MINIATURE HIGH SIP DC/DC CONVERTERS
logo
Minmax Technology Co., ...
MBU103 MINMAX-MBU103 Datasheet
516Kb / 4P
DC/DC CONVERTER 1W Miniature SIP-Package with Industry Standard Pinout
MBU103 MINMAX-MBU103 Datasheet
436Kb / 4P
DC/DC CONVERTER 1W, SIP-Package
logo
Total Power Internation...
MBU103 TOTAL-POWER-MBU103 Datasheet
479Kb / 4P
Miniature SIP-Package with Industry Standard Pinout
More results


Similar Description - MBU103

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
D100VHI MPD-D100VHI Datasheet
193Kb / 2P
Miniature, 1W SIP Ultra-High Isolation DC/DC Converters
E100 MPD-E100 Datasheet
160Kb / 2P
Isolated, Single Output Miniature, 1W SIP DC/DC Converters
E100E MPD-E100E Datasheet
230Kb / 2P
Low Cost, 1W Ultra-Miniature SIP DC/DC Converters
LF100S MPD-LF100S Datasheet
477Kb / 4P
Ultra-Miniature, 1W Single Output SMT DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC400 MPSIND-ADC400 Datasheet
171Kb / 2P
1W, Ultra-High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
E100EI MPD-E100EI Datasheet
266Kb / 2P
1W, High Isolation Ultra-Miniature SIP DC/DC Converters
MPL-01SE MPD-MPL-01SE Datasheet
394Kb / 2P
Single Output, 1W Ultra-Miniature SIP AC/DC Power Supplies
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com