Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCGA300T65DF8M1 Datasheet (PDF) - ON Semiconductor

PCGA300T65DF8M1 Datasheet PDF - ON Semiconductor
Part # PCGA300T65DF8M1
Download  PCGA300T65DF8M1 Download
File Size   150.59 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 650 V, 300 A Field Stop Trench IGBT with Solderable Top Metal

PCGA300T65DF8M1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCGA300T65DF8M1 Datasheet PDF - ON Semiconductor

Part # PCGA300T65DF8M1
Download  PCGA300T65DF8M1 Click to download

File Size   150.59 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 650 V, 300 A Field Stop Trench IGBT with Solderable Top Metal

PCGA300T65DF8M1 Datasheet (HTML) - ON Semiconductor


PCGA300T65DF8M1 Product details

Features
• AEC−Q101 Qualified
• Maximum Junction Temperature 175C
• Positive Temperature Coefficient
• Easy Paralleling
• Short Circuit Rated
• Very Low Saturation Voltage: VCE(SAT) = 1.5 V
(Typ.) @ IC = 300 A
• Optimized For Motor Control Applications
• Integrated Temp Sensor And Current Sensor
• Emitter Pad Covered With Solderable Metal Layer

Applications
• Automotive Traction modules
• General Power Modules




Similar Part No. - PCGA300T65DF8M1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCGA200T65NF8M ONSEMI-PCGA200T65NF8M Datasheet
122Kb / 4P
650 V, 200 A Field Stop Trench IGBT with Solderable Top Metal
August, 2018 ??Rev. 0
More results


Similar Description - PCGA300T65DF8M1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AFGHL50T65SQD ONSEMI-AFGHL50T65SQD Datasheet
257Kb / 9P
Field Stop Trench IGBT 50A, 650V
January, 2020 ??Rev. 1
AFGHL75T65SQDT ONSEMI-AFGHL75T65SQDT Datasheet
260Kb / 9P
Field Stop Trench IGBT 650 V, 75 A
November, 2019 ??Rev. 0
FGAF40S65AQ ONSEMI-FGAF40S65AQ Datasheet
491Kb / 10P
Field Stop Trench IGBT 650 V, 40 A
May, 2021 ??Rev. 3
FGH40T65SPD ONSEMI-FGH40T65SPD Datasheet
585Kb / 9P
IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
FGH75T65SQD ONSEMI-FGH75T65SQD Datasheet
532Kb / 10P
IGBT - Field Stop, Trench 650 V, 75 A
April, 2020 ??Rev. 5
FGHL40S65UQ ONSEMI-FGHL40S65UQ Datasheet
311Kb / 10P
Field Stop Trench IGBT 40 A, 650 V
May, 2019 ??Rev. P0
PCGA200T65NF8M ONSEMI-PCGA200T65NF8M Datasheet
122Kb / 4P
650 V, 200 A Field Stop Trench IGBT with Solderable Top Metal
August, 2018 ??Rev. 0
FGH40T65SHDF ONSEMI-FGH40T65SHDF Datasheet
503Kb / 9P
IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
FGAF30S65AQ ONSEMI-FGAF30S65AQ Datasheet
302Kb / 9P
Field Stop Trench IGBT, 30 A, 650 V
June, 2020 - Rev. 2
logo
Fairchild Semiconductor
FGA6560WDF FAIRCHILD-FGA6560WDF Datasheet
2Mb / 9P
650 V, 60 A Field Stop Trench IGBT
Rev. 1.1 April 2015
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com