Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFD16N05LSM9A Datasheet (PDF) - ON Semiconductor

RFD16N05LSM9A Datasheet PDF - ON Semiconductor
Part # RFD16N05LSM9A
Download  RFD16N05LSM9A Download
File Size   395.55 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, N-Channel, Logic Level 50 V, 16 A, 47 m

RFD16N05LSM9A Datasheet (PDF)

Go To PDF Page Download Datasheet
RFD16N05LSM9A Datasheet PDF - ON Semiconductor

Part # RFD16N05LSM9A
Download  RFD16N05LSM9A Click to download

File Size   395.55 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, N-Channel, Logic Level 50 V, 16 A, 47 m

RFD16N05LSM9A Datasheet (HTML) - ON Semiconductor


RFD16N05LSM9A Product details

These are N−Channel logic level power MOSFETs manufactured
using the MegaFET process. This process, which uses feature sizes
approaching those of LSI integrated circuits gives optimum utilization
of silicon, resulting in outstanding performance. They were designed
for use with logic level (5 V) driving sources in applications such as
programmable controllers, switching regulators, switching converters,
motor relay drivers and emitter switches for bipolar transistors. This
performance is accomplished through a special gate oxide design
which provides full rated conductance at gate biases in the 3 V to 5 V
range, thereby facilitating true on−off power control directly from
logic circuit supply voltages.
Formerly developmental type TA09871.

Features
• 16 A, 50 V
• rDS(ON) = 0.047 
• UIS SOA Rating Curve (Single Pulse)
• Design Optimized for 5 V Gate Drives
• Can be Driven Directly from CMOS, NMOS, TTL Circuits
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device
• Related Literature
♦ TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - RFD16N05LSM9A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD16N05LSM9A FAIRCHILD-RFD16N05LSM9A Datasheet
609Kb / 7P
N-Channel Logic Level Power MOSFET 50V, 16A, 47 m廓
logo
VBsemi Electronics Co.,...
RFD16N05LSM9A VBSEMI-RFD16N05LSM9A Datasheet
896Kb / 6P
N-Channel 6 0-V (D-S) MOSFET
logo
Guangdong Youtai Semico...
RFD16N05LSM9A UMW-RFD16N05LSM9A Datasheet
491Kb / 6P
60V N-Channel MOSFET
logo
BYCHIP ELECTRONICS CO.,...
RFD16N05LSM9A BYCHIP-RFD16N05LSM9A Datasheet
911Kb / 4P
N-channel Enhancement Mode Power MOSFET
v1.0
More results


Similar Description - RFD16N05LSM9A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD6415ANL ONSEMI-NTD6415ANL Datasheet
265Kb / 6P
N-Channel Power MOSFET 100 V, 23 A, 56 m廓, Logic Level
March, 2010 -- Rev. 0
NVD6415ANLT4G ONSEMI-NVD6415ANLT4G Datasheet
127Kb / 6P
N-Channel Power MOSFET 100 V, 23 A, 56 m Logic Level
October, 2011 ??Rev. 1
logo
Fairchild Semiconductor
RFD16N05LSM9A FAIRCHILD-RFD16N05LSM9A Datasheet
609Kb / 7P
N-Channel Logic Level Power MOSFET 50V, 16A, 47 m廓
HUF76639S3ST FAIRCHILD-HUF76639S3ST Datasheet
727Kb / 10P
N-Channel Logic Level UltraFET Power MOSFET 100 V, 50 A, 27 m廓 Packaging
logo
NXP Semiconductors
PSMN022-30PL NXP-PSMN022-30PL Datasheet
220Kb / 15P
N-channel 30 V 22 m logic level MOSFET
Rev. 02-1 November 2010
PSMN3R4-30PL NXP-PSMN3R4-30PL Datasheet
228Kb / 15P
N-channel 30 V 3.4 m logic level MOSFET
Rev. 01-2 November 2010
logo
ON Semiconductor
NVMTS1D0N04CL ONSEMI-NVMTS1D0N04CL Datasheet
247Kb / 7P
MOSFET - Power, Single N-Channel, Logic Level 40 V, 1.0 m, 291 A
September, 2021 ??Rev. 1
FCH47N60-F085 ONSEMI-FCH47N60-F085 Datasheet
668Kb / 8P
MOSFET ??N-Channel 600 V, 47 A, 79 m
December, 2020 ??Rev. 4
NTMFS0D7N04XL ONSEMI-NTMFS0D7N04XL Datasheet
185Kb / 8P
MOSFET – Power, Single N-Channel, Logic Level, SO8FL 40 V, 0.7 m, 349 A
February, 2023 - Rev. 0
NTMFS0D9N04XL ONSEMI-NTMFS0D9N04XL Datasheet
183Kb / 8P
MOSFET - Power, Single N-Channel, Logic Level, SO8FL 40 V, 0.9 m, 278 A
February, 2023 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com