Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA190-Q1 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
INA190-Q1 Datasheet PDF - Texas Instruments
Part # INA190-Q1
Download  INA190-Q1 Download
File Size   1906.22 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description INA190-EP Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current Sense Amp With Enable

INA190-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA190-Q1 Datasheet PDF - Texas Instruments

Part # INA190-Q1
Download  INA190-Q1 Click to download

File Size   1906.22 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description INA190-EP Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current Sense Amp With Enable

INA190-Q1 Datasheet (HTML) - Texas Instruments


INA190-Q1 Product details

1 Features
• Supports Defense, Aerospace, and Medical
Applications:
– Temperature range: –55°C to +150°C, TA
– Controlled Baseline
– One Assembly/Test Site
– One Fabrication Site
– Extended Product Life Cycle
– Extended Product-Change Notification
– Product Traceability
• Low input bias currents: 500 pA (typical)
(enables microamp current measurement)
• Low power:
– Low supply voltage, VS: 1.7 V to 5.5 V
– Low quiescent current: 50 μA at 25°C (typical)
• Accuracy:
– Common-mode rejection ratio: 132 dB
(minimum)
– Gain error: ±0.2% (A1 device)
– Gain drift: 7 ppm/°C (maximum)
– Offset voltage, VOS: ±15 μV (maximum)
– Offset drift: 80 nV/°C (maximum)
• Wide common-mode voltage: –0.2 V to +40 V
• Bidirectional current sensing capability
• Gain options:
– INA190A1-EP: 25 V/V
– INA190A2-EP: 50 V/V
– INA190A3-EP: 100 V/V
– INA190A4-EP: 200 V/V
– INA190A5-EP: 500 V/V

2 Applications
• Avionics
• Radar Systems
• Ruggedized Communications
• Smart Munitions
• Thermal Imaging

3 Description
The INA190-EP is a low-power, voltage-output,
current-shunt monitor (also called a currentsense
amplifier). This device is commonly
used for overcurrent protection, precision current
measurement for system optimization, or in closedloop
feedback circuits. The INA190-EP can sense
drops across shunts at common-mode voltages from
–0.2 V to +40 V, independent of the supply voltage.
The low input bias current of the device permits the
use of larger current-sense resistors, thus providing
accurate current measurements in the microamp
range. The low offset voltage of the zero-drift
architecture extends the dynamic range of the current
measurement. This feature allows for smaller sense
resistors with lower power loss, while still providing
accurate current measurements.
The INA190-EP operates from a single 1.7-V to 5.5-
V power supply, and draws a maximum of 65 μA
of supply current when enabled; only 0.1 μA when
disabled. Five fixed gain options are available: 25 V/V,
50 V/V, 100 V/V, 200 V/V, or 500 V/V. The device
is specified over the operating temperature range of
–55°C to +150°C, and offered in the SOT-23 package.




Similar Part No. - INA190-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA190-Q1 TI1-INA190-Q1 Datasheet
541Kb / 29P
Automotive, 40-V, High Precision, Low Bias Current, Low Power, Current Sense Amplifier
INA190-Q1 TI1-INA190-Q1 Datasheet
1Mb / 45P
INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
2019
INA190-Q1 TI-INA190-Q1 Datasheet
2Mb / 39P
INA190-Q1 AEC-Q100, 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE
MARCH 2022
INA190-Q1 TI2-INA190-Q1 Datasheet
1Mb / 42P
INA190-Q1 AEC-Q100, 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE
REVISED MARCH 2022
INA190-Q1 TI2-INA190-Q1 Datasheet
1Mb / 48P
INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
REVISED NOVEMBER 2019
More results


Similar Description - INA190-Q1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8417 AD-AD8417 Datasheet
310Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8418 AD-AD8418 Datasheet
300Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
10/2017-Rev. B to Rev. C
AD8418A AD-AD8418A Datasheet
424Kb / 17P
Bidirectional, Zero Drift, Current Sense Amplifier
5/2018-Rev. B to Rev. C
logo
Texas Instruments
INA186 TI1-INA186 Datasheet
1Mb / 31P
Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier
INA190 TI1-INA190_19 Datasheet
1Mb / 41P
Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
INA191 TI1-INA191_19 Datasheet
759Kb / 30P
Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier
INA186 TI1-INA186_V01 Datasheet
1Mb / 38P
INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
INA190 TI1-INA190_V01 Datasheet
1Mb / 45P
INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
2019
INA186 TI-INA186_V02 Datasheet
2Mb / 46P
INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
REVISED JULY 2021
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com