Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPM-221W Datasheet (PDF) - Advantech Co., Ltd.

FPM-221W Datasheet PDF - Advantech Co., Ltd.
Part # FPM-221W
Download  FPM-221W Download
File Size   438.21 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 21.5 Full HD Industrial Monitor with P-CAP Touch Control, Direct HDMI Port

FPM-221W Datasheet (PDF)

Go To PDF Page Download Datasheet
FPM-221W Datasheet PDF - Advantech Co., Ltd.

Part # FPM-221W
Download  FPM-221W Click to download

File Size   438.21 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 21.5 Full HD Industrial Monitor with P-CAP Touch Control, Direct HDMI Port

FPM-221W Datasheet (HTML) - Advantech Co., Ltd.


FPM-221W Product details

Features
ƒ 21.5" Full HD TFT LED LCD with true-flat touchscreen
ƒ 16:9 wide screen aspect ratio, increases viewing area by 40%
ƒ Supports 10-point multi-touch control via USB interface in Windows 7/8/10
OS
ƒ Slim design enables easy installation
ƒ Supports various mount options: panel, desktop, and VESA arm
ƒ Touchscreen with reliable glass surface and P-CAP touch control
ƒ Robust system with Die-casting aluminum chassis and IP66-rated aluminum
alloy front bezel
ƒ Lockable I/O connectors




Similar Part No. - FPM-221W

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-221W ADVANTECH-FPM-221W Datasheet
426Kb / 2P
21.5 Full HD Industrial Monitor with P-CAP Touch Control, Direct HDMI Port
28-Jun-2021
FPM-221W-P1AE ADVANTECH-FPM-221W-P1AE Datasheet
426Kb / 2P
21.5 Full HD Industrial Monitor with P-CAP Touch Control, Direct HDMI Port
28-Jun-2021
FPM-221W-P4AE ADVANTECH-FPM-221W-P4AE Datasheet
426Kb / 2P
21.5 Full HD Industrial Monitor with P-CAP Touch Control, Direct HDMI Port
28-Jun-2021
FPM-221W-P4AE ADVANTECH-FPM-221W-P4AE Datasheet
745Kb / 2P
Most Ruggedized Industrial Displays - FPM
More results


Similar Description - FPM-221W

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ACD-521D AAEON-ACD-521D Datasheet
373Kb / 2P
21.5??Full HD Infotainment Multi-Touch Display
logo
Advantech Co., Ltd.
FPM-7211W ADVANTECH-FPM-7211W_15 Datasheet
471Kb / 2P
21.5" Full HD Industrial Monitor with PCT Touch, Direct-VGA and DVI Ports
logo
DFI Inc
IDP215-MS DFI-IDP215-MS Datasheet
151Kb / 2P
21.5" Industrial Touch Monitor
logo
Advantech Co., Ltd.
FPM-7181W ADVANTECH-FPM-7181W_V01 Datasheet
475Kb / 2P
18.5 WXGA Industrial Monitor with PCAP Touch Control, Direct VGA, and DVI Ports
27-Jun-2018
FPM-215W ADVANTECH-FPM-215W Datasheet
398Kb / 2P
15.6 WXGA Industrial Monitor with P-CAP Touch Control, Direct HDMI Port
2-Sep-2019
FPM-221W ADVANTECH-FPM-221W Datasheet
426Kb / 2P
21.5 Full HD Industrial Monitor with P-CAP Touch Control, Direct HDMI Port
28-Jun-2021
FPM-215W ADVANTECH-FPM-215W_V01 Datasheet
474Kb / 2P
15.6 WXGA Industrial Monitor with P-CAP Touch Control, Direct HDMI Port
17-Jan-2022
FPM-7211W ADVANTECH-FPM-7211W Datasheet
475Kb / 2P
21.5 Full HD Industrial Monitor with PCAP Touch Control, Direct VGA, and DVI Ports
15-Jun-2021
VUE-3215 ADVANTECH-VUE-3215 Datasheet
266Kb / 2P
21.5 Medical Touch Monitor
10-Jun-2022
SPC-815M ADVANTECH-SPC-815M Datasheet
544Kb / 2P
15.6" HD TFT LED LCD/21.5" Full HD TFT LED LCD Standalone Multi-Touch Industrial Monitor
24-Jun-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com