Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPQ1297 Datasheet (PDF) - Qorvo, Inc

QPQ1297 Datasheet PDF - Qorvo, Inc
Part # QPQ1297
Download  QPQ1297 Download
File Size   879.84 Kbytes
Page   15 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description FDD Band 3 BAW Duplexer

QPQ1297 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPQ1297 Datasheet PDF - Qorvo, Inc

Part # QPQ1297
Download  QPQ1297 Click to download

File Size   879.84 Kbytes
Page   15 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description FDD Band 3 BAW Duplexer

QPQ1297 Datasheet (HTML) - Qorvo, Inc


QPQ1297 Product details

Key Features
• 75 MHz Bandwidth – Band 3 Up Link
• 75 MHz Bandwidth – Band 3 Down Link
• High Attenuation
• Low Loss
• No External Matching Required
• Single Input, Single Output Operation
• Small Size: 2.00 mm x 2.50 mm x 0.93 mm
• Surface Mount Package (SMP)
• RoHS Compliant, Pb-Free




Similar Part No. - QPQ1297

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPQ1297 QORVO-QPQ1297 Datasheet
809Kb / 15P
FDD Band 3 BAW Duplexer
QPQ1297EVB QORVO-QPQ1297EVB Datasheet
809Kb / 15P
FDD Band 3 BAW Duplexer
QPQ1297TR7 QORVO-QPQ1297TR7 Datasheet
809Kb / 15P
FDD Band 3 BAW Duplexer
More results


Similar Description - QPQ1297

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7692 EPCOS-B7692 Datasheet
122Kb / 11P
BAW Duplexer WCDMA Band II
logo
TriQuint Semiconductor
TQM976027 TRIQUINT-TQM976027_15 Datasheet
106Kb / 1P
Band 7 BAW Duplexer
TQQ6107 TRIQUINT-TQQ6107 Datasheet
751Kb / 11P
Band 7 BAW Duplexer
TQQ7101 TRIQUINT-TQQ7101 Datasheet
794Kb / 12P
Band 1 BAW Duplexer
QPQ1289 TRIQUINT-QPQ1289 Datasheet
822Kb / 11P
LTE Band 4 / 10 / 66 BAW Duplexer
logo
Qorvo, Inc
TQQ1030 QORVO-TQQ1030 Datasheet
622Kb / 11P
Band 30 BAW Duplexer
QPQ6108 QORVO-QPQ6108 Datasheet
589Kb / 10P
FDD Band 8 TC-SAW Duplexer
QPQ1297 QORVO-QPQ1297 Datasheet
809Kb / 15P
FDD Band 3 BAW Duplexer
QPQ1270 QORVO-QPQ1270 Datasheet
1,005Kb / 15P
Band 7 BAW Duplexer
TQQ1007 QORVO-TQQ1007 Datasheet
1,009Kb / 10P
Band 7 BAW Duplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com