Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP3M9040 Datasheet (PDF) - Qorvo, Inc

TQP3M9040 Datasheet PDF - Qorvo, Inc
Part # TQP3M9040
Download  TQP3M9040 Download
File Size   707.73 Kbytes
Page   12 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 1500 – 2300 MHz Dual LNA

TQP3M9040 Datasheet (PDF)

Go To PDF Page Download Datasheet
TQP3M9040 Datasheet PDF - Qorvo, Inc

Part # TQP3M9040
Download  TQP3M9040 Click to download

File Size   707.73 Kbytes
Page   12 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 1500 – 2300 MHz Dual LNA

TQP3M9040 Datasheet (HTML) - Qorvo, Inc


TQP3M9040 Product details

Key Features
• 0.18 dB NFmin (Single Channel) at 1950 MHz
• 1500−2300 MHz operational bandwidth
• Gain = 18 dB at 1950 MHz
• +21.8 dBm Input IP3
• Integrated shut-down biasing feature
• Bias adjustable
• Does not require negative voltage supply
• 4x4 mm 16-pin QFN plastic package




Similar Part No. - TQP3M9040

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9040 TRIQUINT-TQP3M9040 Datasheet
588Kb / 10P
1500-2300 MHz Dual LNA
logo
Qorvo, Inc
TQP3M9040 QORVO-TQP3M9040 Datasheet
707Kb / 12P
1500 ??2300 MHz Dual LNA
logo
TriQuint Semiconductor
TQP3M9040-PCB TRIQUINT-TQP3M9040-PCB Datasheet
588Kb / 10P
1500-2300 MHz Dual LNA
logo
Qorvo, Inc
TQP3M9040-PCB QORVO-TQP3M9040-PCB Datasheet
707Kb / 12P
1500 ??2300 MHz Dual LNA
logo
TriQuint Semiconductor
TQP3M9040 TRIQUINT-TQP3M9040_15 Datasheet
588Kb / 10P
1500-2300 MHz Dual LNA
More results


Similar Description - TQP3M9040

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA777L7 INFINEON-BGA777L7 Datasheet
729Kb / 24P
Single-Band UMTS LNA (2300 - 2700 MHz)
V3.0, July 2009
logo
TriQuint Semiconductor
TQL9043 TRIQUINT-TQL9043_15 Datasheet
512Kb / 10P
1500 to 2700 MHz Bypass LNA
TQL9044 TRIQUINT-TQL9044_15 Datasheet
554Kb / 8P
1500 to 4000 MHz Bypass LNA
TQP3M9039 TRIQUINT-TQP3M9039_15 Datasheet
568Kb / 10P
50-1500 MHz Dual LNA
TQP3M9040 TRIQUINT-TQP3M9040_15 Datasheet
588Kb / 10P
1500-2300 MHz Dual LNA
TQP3M9041 TRIQUINT-TQP3M9041_15 Datasheet
625Kb / 10P
2300-6000 MHz Dual LNA
logo
Infineon Technologies A...
BGA777N7 INFINEON-BGA777N7 Datasheet
1Mb / 35P
Single-Band UMTS LNA (2300 - 2700 MHz)
Revision 3.1, 2013-01-31
logo
Qorvo, Inc
TQL9066 QORVO-TQL9066 Datasheet
788Kb / 10P
50 ??1500 MHz Dual LNA
TQP3M9040 QORVO-TQP3M9040 Datasheet
707Kb / 12P
1500 ??2300 MHz Dual LNA
TQP3M9041 QORVO-TQP3M9041 Datasheet
802Kb / 16P
2300 ??6000 MHz Dual LNA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com