Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1849191 Datasheet (PDF) - PHOENIX CONTACT

1849191 Datasheet PDF - PHOENIX CONTACT
Part # 1849191
Download  1849191 Download
File Size   479.5 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - LPC 1,5/ 2-ST-3,81-LR

1849191 Datasheet (PDF)

Go To PDF Page Download Datasheet
1849191 Datasheet PDF - PHOENIX CONTACT

Part # 1849191
Download  1849191 Click to download

File Size   479.5 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - LPC 1,5/ 2-ST-3,81-LR

1849191 Datasheet (HTML) - PHOENIX CONTACT


1849191 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, type of contact: Female connector, number of rows: 1, number
of positions: 2, product range: LPC 1,5/..-ST-LR, pitch: 3.81 mm, connection method: Lever
Push-in connection, conductor/PCB connection direction: 0 °, plug-in system: COMBICON MC
1,5, locking: Snap-in locking, mounting: Lock & Release ejector lever, type of packaging: packed
in cardboard

Your advantages
• Tool-free lever principle enables time-saving connection and release of conductors with/without ferrules
• Clear lever positions provide reliable feedback on opened or closed clamping spaces
• Time-saving push-in connection when lever is closed
• Automatic locking and intuitive release through Lock and Release operating lever in contrasting color
• Quick and convenient testing using integrated test option




Similar Part No. - 1849191

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1849192 PHOENIX-1849192 Datasheet
473Kb / 15P
MSTBVK 2,5/13-STF-5,08 - DIN rail connector
More results


Similar Description - 1849191

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1849230 PHOENIX-1849230 Datasheet
479Kb / 10P
PCB connector - LPC 1,5/ 6-ST-3,81-LR
Jul 20, 2022
1849243 PHOENIX-1849243 Datasheet
479Kb / 10P
PCB connector - LPC 1,5/ 7-ST-3,81-LR
Jul 20, 2022
1849272 PHOENIX-1849272 Datasheet
479Kb / 10P
PCB connector - LPC 1,5/10-ST-3,81-LR
Jul 20, 2022
1849285 PHOENIX-1849285 Datasheet
479Kb / 10P
PCB connector - LPC 1,5/11-ST-3,81-LR
Jul 20, 2022
1849298 PHOENIX-1849298 Datasheet
479Kb / 10P
PCB connector - LPC 1,5/12-ST-3,81-LR
Jul 20, 2022
1849311 PHOENIX-1849311 Datasheet
479Kb / 10P
PCB connector - LPC 1,5/14-ST-3,81-LR
Jul 20, 2022
1849324 PHOENIX-1849324 Datasheet
479Kb / 10P
PCB connector - LPC 1,5/15-ST-3,81-LR
Jul 20, 2022
1849201 PHOENIX-1849201 Datasheet
479Kb / 10P
PCB connector - LPC 1,5/ 3-ST-3,81-LR
Jul 20, 2022
1849214 PHOENIX-1849214 Datasheet
479Kb / 10P
PCB connector - LPC 1,5/ 4-ST-3,81-LR
Jul 20, 2022
1849227 PHOENIX-1849227 Datasheet
479Kb / 10P
PCB connector - LPC 1,5/ 5-ST-3,81-LR
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com