Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A74 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS7A74 Datasheet PDF - Texas Instruments
Part # TPS7A74
Download  TPS7A74 Download
File Size   2748.02 Kbytes
Page   39 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS7A74 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start

TPS7A74 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A74 Datasheet PDF - Texas Instruments

Part # TPS7A74
Download  TPS7A74 Click to download

File Size   2748.02 Kbytes
Page   39 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS7A74 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start

TPS7A74 Datasheet (HTML) - Texas Instruments


TPS7A74 Product details

1 Features
• VOUT range: 0.65 V to 3.6 V
• Ultra-low VIN range: 0.65 V to 6 V
• VBIAS range: 1.7 V to 6 V
• Low dropout: 150 mV typical at 1.5 A, VBIAS = 5 V
• Noise: 7.1 μVRMS
• PSRR:
– 70 dB at 1 kHz
– 60 dB at 10 kHz
– 55 dB at 100 kHz
– 50 dB at 1 MHz
• 1.5% accuracy over line, load, and temperature
• Programmable soft-start provides linear voltage
start-up
• VBIAS permits low VIN operation with good transient
response
• UVLO on both IN and BIAS
• Stable with any output capacitor ≥ 10 μF
• Package: Small, 3-mm × 3-mm × 0.8-mm WSON-8

2 Applications
• High-performance computing
• Microservers
• Desktop and PC motherboards
• Data concentrators
• Rugged PC laptops

3 Description
The TPS7A74 low-dropout (LDO) linear regulator
provides an easy-to-use robust power management
solution for a wide variety of applications. Userprogrammable
soft-start minimizes stress on the
input power source by reducing capacitive inrush
current on start up. The soft-start is monotonic
and well-suited for powering many different types of
processors and application-specific integrated circuits
(ASICs). The enable input allows for easy sequencing
with external regulators. This complete flexibility
allows a solution to be configured that meets the
sequencing requirements of field-programmable gate
arrays (FPGAs), digital signal processors (DSPs), and
other applications with special start-up requirements.
A precision reference and error amplifier deliver 1.5%
accuracy over load, line, temperature, and process.
The device is stable with any type of capacitor greater
than or equal to 10 μF, and is fully specified for TJ =
–40°C to +125°C. The TPS7A74 is offered in a small,
3-mm × 3-mm, WSON-8 package, yielding a highly
compact, total solution size.




Similar Part No. - TPS7A74

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A74 TI-TPS7A74 Datasheet
2Mb / 42P
TPS7A74 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED AUGUST 2022
TPS7A7401DSDR TI-TPS7A7401DSDR Datasheet
2Mb / 42P
TPS7A74 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED AUGUST 2022
TPS7A74 TI-TPS7A74_V01 Datasheet
2Mb / 42P
TPS7A74 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED AUGUST 2022
More results


Similar Description - TPS7A74

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
734Kb / 22P
1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS748 TI-TPS748_15 Datasheet
1Mb / 38P
TPS748 1.5-A Low-Dropout Linear Regulator With Programmable Soft-Start
TPS7A74 TI-TPS7A74_V01 Datasheet
2Mb / 42P
TPS7A74 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED AUGUST 2022
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150 Datasheet
1Mb / 22P
1.5 A low-dropout linear regulator with programmable soft-start
11-Nov-2020
logo
Texas Instruments
TPS748A TI-TPS748A Datasheet
1Mb / 30P
TPS748A 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
DECEMBER 2022
TPS748A-Q1 TI-TPS748A-Q1 Datasheet
2Mb / 31P
TPS748A-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
DECEMBER 2022
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150_V01 Datasheet
1Mb / 22P
1.5 A low-dropout linear regulator with programmable soft-start
06-Dec-2022
logo
Texas Instruments
TPS748 TI-TPS748 Datasheet
3Mb / 47P
TPS748 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
TPS74801-Q1 TI-TPS74801-Q1_V01 Datasheet
3Mb / 45P
TPS74801-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED JULY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com