Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

118150C Datasheet (PDF) - Alpha Wire

118150C Datasheet PDF - Alpha Wire
Part # 118150C
Download  118150C Download
File Size   101.16 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer SpecificationS

118150C Datasheet (PDF)

Go To PDF Page Download Datasheet
118150C Datasheet PDF - Alpha Wire

Part # 118150C
Download  118150C Click to download

File Size   101.16 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer SpecificationS

118150C Datasheet (HTML) - Alpha Wire


118150C Product details

Construction
Diameters (In)
1) Component 1 50 X 1 COND
a) Conductor 22 (7/30) AWG Tinned Copper 0.030
b) Insulation 0.010" Wall, Nom. PVC, Semi Rigid 0.050
(1) Color Code Alpha Wire Color Code D
Cond Color Cond Color Cond Color
1 BLACK 18 WHITE/GREEN 35
WHITE/RED/RED
2 RED 19 WHITE/YELLOW 36
WHITE/RED/GRE
EN
3 WHITE 20 WHITE/BLUE 37
WHITE/RED/BLU
E
4 GREEN 21 WHITE/BROWN 38
WHITE/RED/BRO
WN
5 ORANGE 22 WHITE/ORANGE 39
WHITE/RED/VIOL
ET
6 BLUE 23 WHITE/SLATE 40
WHITE/GREEN/B
LACK
7 BROWN 24 WHITE/VIOLET 41
WHITE/GREEN/R
ED
8 YELLOW 25
WHITE/BLACK/R
ED
42
WHITE/GREEN/G
REEN
9 VIOLET 26
WHITE/BLACK/G
43
WHITE/GREEN/B
REEN LUE
10 SLATE 27
WHITE/BLACK/Y
ELLOW
44
WHITE/GREEN/B
ROWN
11 PINK 28
WHITE/BLACK/B
LUE
45
WHITE/GREEN/V
IOLET
12 TAN 29
WHITE/BLACK/B
ROWN
46
WHITE/BLUE/BL
ACK
13 RED/GREEN 30
WHITE/BLACK/O
RANGE
47
WHITE/BLUE/RE
D
14 RED/YELLOW 31
WHITE/BLACK/S
LATE
48
WHITE/BLUE/GR
EEN
15 RED/BLACK 32
WHITE/BLACK/VI
OLET
49
WHITE/BLUE/BL
UE
16 WHITE/BLACK 33
WHITE/BLACK/B
LACK
50
WHITE/BLUE/BR
OWN
17 WHITE/RED 34
WHITE/RED/BLA
CK
Cable Assembly 50 Components Cabled
a) Twists: 2.0 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
Jacket 0.035" Wall, Nom.,PVC 0.478 (0.503 Max.)
Color(s) SLATE
Print
ALPHA WIRE-* P/N 1181/50C 50C 22 AWG
75C (UL) TYPE CM OR AWM 2576 OR C(UL) 75C TYPE CMG
FT4 CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]

Applicable Specifications
1) UL AWM/STYLE 2576 80°C / 150 VRMS
CM 75°C
VW-1
2) CSA International C(UL) TYPE CMG 75°C
FT4
3) CE: EU Low Voltage Directive 2014/35/EU




Similar Part No. - 118150C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
118150C ALPHAWIRE-118150C Datasheet
99Kb / 5P
Customer Specification
12/1/2022
118150C ALPHAWIRE-118150C_V01 Datasheet
99Kb / 5P
Customer Specification
12/1/2022
More results


Similar Description - 118150C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-260-18 ALPHAWIRE-FIT-260-18_V01 Datasheet
99Kb / 4P
Customer Specifications
8/30/2022
PIF-130-0 ALPHAWIRE-PIF-130-0 Datasheet
98Kb / 4P
Customer Specifications
8/30/2022
1239 ALPHAWIRE-1239 Datasheet
95Kb / 3P
Customer Specifications
9/8/2022
AF-155-1 ALPHAWIRE-AF-155-1_V01 Datasheet
102Kb / 4P
Customer Specifications
9/8/2022
GRP-130-18 ALPHAWIRE-GRP-130-18_V01 Datasheet
98Kb / 4P
Customer Specifications
9/8/2022
FIT-400-2 ALPHAWIRE-FIT-400-2_V01 Datasheet
98Kb / 4P
Customer SpecificationS
9/14/2022
GRP-110NF18 ALPHAWIRE-GRP-110NF18 Datasheet
98Kb / 4P
Customer SpecificationS
9/8/2022
TFT-200-8 ALPHAWIRE-TFT-200-8 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
2144 ALPHAWIRE-2144 Datasheet
96Kb / 3P
Customer Specifications
9/14/2022
TFT-200-6 ALPHAWIRE-TFT-200-6 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com