Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SCR583D3FRA Datasheet (PDF) - Rohm

2SCR583D3FRA Datasheet PDF - Rohm
Part # 2SCR583D3FRA
Download  2SCR583D3FRA Download
File Size   1641.69 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 7A 50V Power Transistor

2SCR583D3FRA Datasheet (PDF)

Go To PDF Page Download Datasheet
2SCR583D3FRA Datasheet PDF - Rohm

Part # 2SCR583D3FRA
Download  2SCR583D3FRA Click to download

File Size   1641.69 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 7A 50V Power Transistor

2SCR583D3FRA Datasheet (HTML) - Rohm


2SCR583D3FRA Product details

Features
1) Suitable for Power Driver.
2) Complementary PNP Types : 2SAR583D3 FRA.
3) Low VCE(sat)
VCE(sat)=350mV(Max.). (IC/IB=3A/150mA)

Application
LOW FREQUENCY AMPLIFIER




Similar Part No. - 2SCR583D3FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR583D3 ROHM-2SCR583D3 Datasheet
1Mb / 11P
NPN 7A 50V Power Transistor
logo
Inchange Semiconductor ...
2SCR583D3 ISC-2SCR583D3 Datasheet
332Kb / 2P
isc Silicon NPN Power Transistor
More results


Similar Description - 2SCR583D3FRA

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SC4148 SHINDENGEN-2SC4148 Datasheet
406Kb / 8P
Switching Power Transistor(7A NPN)
2SC4668 SHINDENGEN-2SC4668 Datasheet
413Kb / 9P
Switching Power Transistor(7A NPN)
2SC4981 SHINDENGEN-2SC4981 Datasheet
406Kb / 8P
Switching Power Transistor(7A NPN)
2SD1791 SHINDENGEN-2SD1791 Datasheet
444Kb / 9P
Darlington Transistor(7A NPN)
2SD1792 SHINDENGEN-2SD1792 Datasheet
442Kb / 9P
Darlington Transistor(7A NPN)
logo
ON Semiconductor
2SA2016 ONSEMI-2SA2016 Datasheet
359Kb / 8P
Bipolar Transistor (-)50V, (-)7A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
logo
Rohm
2SCR573D3 ROHM-2SCR573D3 Datasheet
1Mb / 11P
NPN 3.0A 50V Power Transistor
2SAR583D3 ROHM-2SAR583D3 Datasheet
1Mb / 11P
PNP -7A -50V Power Transistor
2SCR583D3 ROHM-2SCR583D3 Datasheet
1Mb / 11P
NPN 7A 50V Power Transistor
2SAR583D3FRA ROHM-2SAR583D3FRA Datasheet
1Mb / 9P
PNP -7A -50V Power Transistor
20220315 - Rev.001
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com