Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2TO20 Datasheet (PDF) - Vishay Siliconix

D2TO20 Datasheet PDF - Vishay Siliconix
Part # D2TO20_V01
Download  D2TO20 Download
File Size   137.88 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Power Resistor Thick Film Technology

D2TO20 Datasheet (PDF)

Go To PDF Page Download Datasheet
D2TO20 Datasheet PDF - Vishay Siliconix

Part # D2TO20_V01
Download  D2TO20 Click to download

File Size   137.88 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Power Resistor Thick Film Technology

D2TO20 Datasheet (HTML) - Vishay Siliconix


D2TO20 Product details

FEATURES
• AEC-Q200 qualified
• 20 W at 25 °C case temperature
• Surface mounted resistor - TO-263 (D2PAK)
style package
• Wide resistance range from 0.01 Ω to 550 kΩ
• Non inductive
• Resistor isolated from metal tab
• Solder reflow secure at 270 °C/10 s
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - D2TO20_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D2TO20 VISHAY-D2TO20_V02 Datasheet
157Kb / 6P
Surface Mount Power Resistor Thick Film Technology
31-Oct-13
D2TO20 VISHAY-D2TO20_V03 Datasheet
144Kb / 6P
Surface Mount Power Resistor Thick Film Technology
17-Mar-16
More results


Similar Description - D2TO20_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D2TO20 VISHAY-D2TO20 Datasheet
96Kb / 6P
Surface Mounted Power Resistor Thick Film Technology
10-Feb-15
D2TO35 VISHAY-D2TO35 Datasheet
107Kb / 5P
Surface Mounted Power Resistor Thick Film Technology
19-Jul-11
D2TO035C15R00FTE3 VISHAY-D2TO035C15R00FTE3 Datasheet
142Kb / 6P
Surface Mount Power Resistor Thick Film Technology
22-Apr-13
D2TO035C10R00FTE3 VISHAY-D2TO035C10R00FTE3 Datasheet
142Kb / 6P
Surface Mount Power Resistor Thick Film Technology
31-Oct-13
D2TO20 VISHAY-D2TO20_15 Datasheet
139Kb / 6P
Surface Mount Power Resistor Thick Film Technology
10-Feb-15
D2TO35 VISHAY-D2TO35_15 Datasheet
125Kb / 6P
Surface Mount Power Resistor Thick Film Technology
23-Sep-15
DTO25 VISHAY-DTO25 Datasheet
154Kb / 6P
Surface Mounted Power Resistor Thick Film Technology
23-Sep-15
DTO35 VISHAY-DTO35 Datasheet
135Kb / 6P
Surface Mounted Power Resistor Thick Film Technology
24-Oct-2019
DTO25 VISHAY-DTO25_V01 Datasheet
186Kb / 7P
Surface Mounted Power Resistor Thick Film Technology
10-Nov-2021
DTO35 VISHAY-DTO35_V01 Datasheet
130Kb / 6P
Surface Mounted Power Resistor Thick Film Technology
10-Nov-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com