Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78438366010 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

78438366010 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 78438366010
Download  78438366010 Download
File Size   625.92 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-MAIA SMT Power Inductor

78438366010 Datasheet (PDF)

Go To PDF Page Download Datasheet
78438366010 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 78438366010
Download  78438366010 Click to download

File Size   625.92 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-MAIA SMT Power Inductor

78438366010 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


78438366010 Product details

General Properties:
Ambient Temperature (referring
to IR) -40 up to +85 °C
Operating Temperature -40 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 78438366010

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
78438366015 WURTH-78438366015 Datasheet
899Kb / 9P
WE-MAIA SMT Power Inductor
002.000
More results


Similar Description - 78438366010

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
78438313012 WURTH-78438313012 Datasheet
585Kb / 7P
WE-MAIA SMT Power Inductor
001.000
78438313022 WURTH-78438313022 Datasheet
554Kb / 7P
WE-MAIA SMT Power Inductor
001.000
78438356010HT WURTH-78438356010HT Datasheet
580Kb / 7P
WE-MAIA SMT Power Inductor
001.000
78438356022HT WURTH-78438356022HT Datasheet
580Kb / 7P
WE-MAIA SMT Power Inductor
001.000
78438356047HT WURTH-78438356047HT Datasheet
580Kb / 7P
WE-MAIA SMT Power Inductor
001.000
784383130056 WURTH-784383130056 Datasheet
555Kb / 7P
WE-MAIA SMT Power Inductor
001.000
78438367068 WURTH-78438367068 Datasheet
655Kb / 8P
WE-MAIA SMT Power Inductor
001.000
784383130068 WURTH-784383130068 Datasheet
555Kb / 7P
WE-MAIA SMT Power Inductor
001.000
784383560047HT WURTH-784383560047HT Datasheet
581Kb / 7P
WE-MAIA SMT Power Inductor
001.000
784383660082 WURTH-784383660082 Datasheet
626Kb / 8P
WE-MAIA SMT Power Inductor
001.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com